Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBASH105SB7331KFCA01 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # MBASH105SB7331KFCA01
Description  Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

MBASH105SB7331KFCA01 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  MBASH105SB7331KFCA01 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc MBASH105SB7331KFCA01 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc MBASH105SB7331KFCA01 Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
MBASH105SB7331KFCA01 (Previous PN: HMK105B7331KVHFE)
Features
Item Summary
330pF±10%, 100V,
X7R, 0402/1005 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Paper 10000pcs
Products characteristics table
Capacitance
330 pF ± 10 %
Case Size (EIA/JIS)
0402/1005
Rated Voltage
100 V
tanδ (max)
3.5 %
Temperature Characteristic (EIA)
X7R
Operating Temp. Range (EIA)
-55 to +125 ℃
Capacitance Change(EIA)
±15 %
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
10 GΩ
RoHS Compliance (10 subst.)
Yes
REACH Compliance (240 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.0 ±0.05 mm
Dimension W
0.5 ±0.05 mm
Dimension T
0.5 ±0.05 mm
Dimension e
0.25 ±0.10 mm
2024.11.28
1 / 1


Similar Part No. - MBASH105SB7331KFCA01

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MBASH105SB7331KFCA18 TAIYO-YUDEN-MBASH105SB7331KFCA18 Datasheet
539Kb / 3P
Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
More results

Similar Description - MBASH105SB7331KFCA01

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
MBARQ219SCG0R4BTRA01 TAIYO-YUDEN-MBARQ219SCG0R4BTRA01 Datasheet
379Kb / 3P
High frequency/Low loss Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
MBARQ219SCG0R3CTRA01 TAIYO-YUDEN-MBARQ219SCG0R3CTRA01 Datasheet
378Kb / 3P
High frequency/Low loss Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
MBASH31LSB7684KTCA01 TAIYO-YUDEN-MBASH31LSB7684KTCA01 Datasheet
294Kb / 2P
Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
2022.04.05
MBASH31LSB7684MTCA01 TAIYO-YUDEN-MBASH31LSB7684MTCA01 Datasheet
294Kb / 2P
Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
2022.04.05
MBASQ21GAB7473KTCA01 TAIYO-YUDEN-MBASQ21GAB7473KTCA01 Datasheet
294Kb / 2P
Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
2022.04.05
MBASQ21GAB7473MTCA01 TAIYO-YUDEN-MBASQ21GAB7473MTCA01 Datasheet
294Kb / 2P
Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
2022.04.05
MBASQ21GAB7104KTCA01 TAIYO-YUDEN-MBASQ21GAB7104KTCA01 Datasheet
432Kb / 3P
Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
22U1A09
MBASQ21GAB7104MTCA01 TAIYO-YUDEN-MBASQ21GAB7104MTCA01 Datasheet
432Kb / 3P
Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
22U1A09
MBASQ21GAB7683KTCA01 TAIYO-YUDEN-MBASQ21GAB7683KTCA01 Datasheet
431Kb / 3P
Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
22U1A09
MBASQ21GAB7683MTCA01 TAIYO-YUDEN-MBASQ21GAB7683MTCA01 Datasheet
431Kb / 3P
Medium-High Voltage Multilayer Ceramic Capacitors for Telecommunications Infrastructure and Industrial Equipment
22U1A09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com