Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1514X Datasheet(PDF) 19 Page - RICOH electronics devices division

Part # R1514X
Description  150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1514X Datasheet(HTML) 19 Page - RICOH electronics devices division

Back Button R1514X Datasheet HTML 12Page - RICOH electronics devices division R1514X Datasheet HTML 13Page - RICOH electronics devices division R1514X Datasheet HTML 14Page - RICOH electronics devices division R1514X Datasheet HTML 15Page - RICOH electronics devices division R1514X Datasheet HTML 16Page - RICOH electronics devices division R1514X Datasheet HTML 17Page - RICOH electronics devices division R1514X Datasheet HTML 18Page - RICOH electronics devices division R1514X Datasheet HTML 19Page - RICOH electronics devices division R1514X Datasheet HTML 20Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
MARK INFORMATIONS
ME-R1514H-0704
R1514H SERIES MARK SPECIFICATION
• SOT-89-5
1
2
3
4
5
6
1
: M (fixed)
2
, 3 , 4
: Setting Voltage
5
, 6
: Lot Number
(Refer to Part Number vs. Product Code)
• Part Number vs. Product Code
Product Code
Product Code
Product Code
Product Code
Part Number
1
2
3
4
Part Number
1
2
3
4
Part Number
1
2
3
4
Part Number
1
2
3
4
R1514H020B
M
0
2
0
R1514H050B
M
0
5
0
R1514H080B
M
0
8
0
R1514H110B
M
1
1
0
R1514H021B
M
0
2
1
R1514H051B
M
0
5
1
R1514H081B
M
0
8
1
R1514H111B
M
1
1
1
R1514H022B
M
0
2
2
R1514H052B
M
0
5
2
R1514H082B
M
0
8
2
R1514H112B
M
1
1
2
R1514H023B
M
0
2
3
R1514H053B
M
0
5
3
R1514H083B
M
0
8
3
R1514H113B
M
1
1
3
R1514H024B
M
0
2
4
R1514H054B
M
0
5
4
R1514H084B
M
0
8
4
R1514H114B
M
1
1
4
R1514H025B
M
0
2
5
R1514H055B
M
0
5
5
R1514H085B
M
0
8
5
R1514H115B
M
1
1
5
R1514H026B
M
0
2
6
R1514H056B
M
0
5
6
R1514H086B
M
0
8
6
R1514H116B
M
1
1
6
R1514H027B
M
0
2
7
R1514H057B
M
0
5
7
R1514H087B
M
0
8
7
R1514H117B
M
1
1
7
R1514H028B
M
0
2
8
R1514H058B
M
0
5
8
R1514H088B
M
0
8
8
R1514H118B
M
1
1
8
R1514H029B
M
0
2
9
R1514H059B
M
0
5
9
R1514H089B
M
0
8
9
R1514H119B
M
1
1
9
R1514H030B
M
0
3
0
R1514H060B
M
0
6
0
R1514H090B
M
0
9
0
R1514H120B
M
1
2
0
R1514H031B
M
0
3
1
R1514H061B
M
0
6
1
R1514H091B
M
0
9
1
R1514H032B
M
0
3
2
R1514H062B
M
0
6
2
R1514H092B
M
0
9
2
R1514H033B
M
0
3
3
R1514H063B
M
0
6
3
R1514H093B
M
0
9
3
R1514H034B
M
0
3
4
R1514H064B
M
0
6
4
R1514H094B
M
0
9
4
R1514H035B
M
0
3
5
R1514H065B
M
0
6
5
R1514H095B
M
0
9
5
R1514H036B
M
0
3
6
R1514H066B
M
0
6
6
R1514H096B
M
0
9
6
R1514H037B
M
0
3
7
R1514H067B
M
0
6
7
R1514H097B
M
0
9
7
R1514H038B
M
0
3
8
R1514H068B
M
0
6
8
R1514H098B
M
0
9
8
R1514H039B
M
0
3
9
R1514H069B
M
0
6
9
R1514H099B
M
0
9
9
R1514H040B
M
0
4
0
R1514H070B
M
0
7
0
R1514H100B
M
1
0
0
R1514H041B
M
0
4
1
R1514H071B
M
0
7
1
R1514H101B
M
1
0
1
R1514H042B
M
0
4
2
R1514H072B
M
0
7
2
R1514H102B
M
1
0
2
R1514H043B
M
0
4
3
R1514H073B
M
0
7
3
R1514H103B
M
1
0
3
R1514H044B
M
0
4
4
R1514H074B
M
0
7
4
R1514H104B
M
1
0
4
R1514H045B
M
0
4
5
R1514H075B
M
0
7
5
R1514H105B
M
1
0
5
R1514H046B
M
0
4
6
R1514H076B
M
0
7
6
R1514H106B
M
1
0
6
R1514H047B
M
0
4
7
R1514H077B
M
0
7
7
R1514H107B
M
1
0
7
R1514H048B
M
0
4
8
R1514H078B
M
0
7
8
R1514H108B
M
1
0
8
R1514H049B
M
0
4
9
R1514H079B
M
0
7
9
R1514H109B
M
1
0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com