Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADG772EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADG772EBZ
Description  CMOS Low Power Dual 2:1 Mux/Demux USB 2.0 (480 Mbps)/USB 1.1 (12 Mbps)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG772EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADG772EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADG772EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG772
Rev. 0 | Page 7 of 12
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
020
40
50
30
60
80
70
90
TEMPERATURE (°C)
ID,S (ON)++
ID,S (OFF)+
ID,S (ON)
ID,S (OFF) +
10
VDD = 3.3V
Figure 10. Leakage Current vs. Temperature, VDD = 3.3 V
0.8
0.9
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
020
40
60
80
10
30
50
70
90
TEMPERATURE (°C)
VDD = 2.5V
ID,S (ON)++
ID,S (OFF)+
ID,S (ON)
ID,S (OFF) +
Figure 11. Leakage Current vs. Temperature, VDD = 2.5 V
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–0.1
0
0
102030
40
50
60
70
80
90
TEMPERATURE (°C)
ID,S (ON)++
ID,S (OFF)+
ID,S (ON)
ID,S (OFF) +
Figure 12. Leakage Current vs. Temperature, VDD = 1.8 V
1.5
1.0
0.5
0
–0.5
–1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VS (V)
2.0
TA = 25°C
VCC = 1.8V
VCC = 2.5V
VCC = 3.3V
Figure 13. Charge Injection vs. Source Voltage
12
10
8
6
4
2
0
60
020
40
80 85
–40
–20
TEMPERATURE (°C)
tON (1.8V)
tON (3.3V)
tON (2.7V)
tOFF (1.8V)
tOFF (2.7V)
tOFF (3.3V)
Figure 14. tON/tOFF Times vs. Temperature
–2
–4
–6
–8
–10
–12
–14
–16
–18
1
10
100
1000
FREQUENCY (MHz)
0
TA = 25°C
VDD = 3.3V, 2.5V, 1.8V
Figure 15. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com