Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPO51RXALF Datasheet(PDF) 1 Page - Rakon Limited

Part # RFPO51RXALF
Description  IC OCXO | MERCURY ™ MINIATURE SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

RFPO51RXALF Datasheet(HTML) 1 Page - Rakon Limited

  RFPO51RXALF Datasheet HTML 1Page - Rakon Limited RFPO51RXALF Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IC OCXO
| MERCURY ™ MINIATURE SERIES
www.rakon.com
sales@rakon.com
Page 1 of 2
RFPO50
The RFPO50 is from the world’s first ASIC-based OCXO product family and utilizes Rakon’s patented Mercury™ ASIC technology. It delivers
temperature stability as low as ±10ppb (over -20 to 70°C) and is capable of short term aging of typically less than ±2ppb per day.
With a highly integrated oven included, the RFPO50 ensures short warm-up times and consumes very low power – only 350mW at room
temperature. The ASIC architecture delivers a 1000x reliability improvement when compared to traditional discrete OCXOs..
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency
5 – 50
MHz
Standard frequencies: 10, 12.8, 19.2, 19.44, 20,
24.576, 25, 26, 30.72 and 40MHz
Frequency calibration
±0.5
ppm
Initial accuracy at 25°C ±2°C
Reflow shift
±1
ppm
Pre to post reflow ∆F (measured ≥ 60 minutes
after reflow)
Frequency stability over temperature in
still air
±10 –
±100
ppb
Reference to (FMAX + FMIN)/2
Frequency slope ΔF/ΔT in still air
±0.5 – ±2
ppb/°C
Temperature ramp ≤ 1°C/minute
Operating temperature range
-40
85
°C
Supply voltage stability
±10
ppb
±5% variation, frequency ≤ 26MHz
Load sensitivity
±10
ppb
±5pF / ±10% variation, frequency ≤ 26MHz
Warm-up time
< 3
minutes
The time needed for the frequency to be within
±20ppb of the frequency after 1 hour, at 25°C.
This parameter is frequency, assembly and
operating history dependent
Acceleration sensitivity
< 2
ppb/g
Gamma vector of all 3 axes, 30 to 1500Hz
Long term stability (ageing)
< ±2
±1
±3
ppb
ppm
ppm
Per day (after 30 days of continuous operation)
First year
10 years
Root Allan Variance (20MHz)
7.10-11
tau = 1.0s
Supply voltage (Vcc)
2.7 – 5.5
V
±5%
Input power (warm up)
1000
800
mW
mW
-40 to 85°C devices
-20 to 70°C devices
Input power (steady state in still air at
25°C)
400
350
mW
mW
-40 to 85°C devices
-20 to 70°C devices
Control voltage (Vc)
0.5 – 2.5
V
The GND of Vc needs to be connected directly to
pin 2 as ground lead impedance may cause
performance degradation
Frequency tuning
±5
ppm
Reference to frequency at Vc=1.5V
Slope
+8
ppm/V
Linearity 1
1
%
Port input impedance
80
kΩ
Modulation bandwidth
3.5
kHz
Oscillator output – C/Sinewave
0.8
1.1
Vpk-pk
At minimum supply voltage, 10kΩ//10pF load
1 The difference between the measured tuning characteristic and an ideal straight line fitted through it, expressed as a percentage of the
total tuning range.
Features
Applications
14.6 x 9.7 x 6.7
mm
 Small form factor
 Frequency stability over temperature as low as
±10ppb over -20 to 70°C
 Low power consumption
 Base Stations
 Broadcasting
 Instrumentation
 Time & Frequency Reference


Similar Part No. - RFPO51RXALF

ManufacturerPart #DatasheetDescription
logo
TEMEX
RFPO50 TEMEX-RFPO50 Datasheet
271Kb / 2P
The RFPO50 is from the world?셲 first ASIC?륿ased OCXO product
RFPO55 TEMEX-RFPO55 Datasheet
391Kb / 2P
The RFPO55 is from the world?셲 first ASIC.based OCXO product
logo
Rakon Limited
RFPO55 RAKON-RFPO55 Datasheet
390Kb / 2P
IC OCXO | MERCURY ™ MINIATURE SERIES
RFPO55PSBLF RAKON-RFPO55PSBLF Datasheet
390Kb / 2P
IC OCXO | MERCURY ™ MINIATURE SERIES
RFPO55PXBLF RAKON-RFPO55PXBLF Datasheet
390Kb / 2P
IC OCXO | MERCURY ™ MINIATURE SERIES
More results

Similar Description - RFPO51RXALF

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OC-X87XXXXX NEL-OC-X87XXXXX Datasheet
43Kb / 3P
Micro-miniature OCXO
logo
List of Unclassifed Man...
VFT8 ETC1-VFT8 Datasheet
180Kb / 1P
Micro Miniature OCXO
logo
ECM Electronics Limited...
VFT8 ECM-VFT8 Datasheet
180Kb / 1P
Micro Miniature OCXO
logo
Advanced XTAL Products
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
OCXO Miniature size with Stratum 3E stability
2005-07-15
AXIOM60 AXTAL-AXIOM60 Datasheet
54Kb / 2P
Miniature OCXO with Stratum III stability option
2005-07-15
logo
CTS Corporation
1914 CTS-1914 Datasheet
199Kb / 5P
Miniature OCXO
logo
Advanced XTAL Products
AXIOM30-15 AXTAL-AXIOM30-15 Datasheet
87Kb / 2P
High Stability Miniature OCXO with HCMOS Output
AXIOM37-8 AXTAL-AXIOM37-8 Datasheet
102Kb / 4P
Low Power Miniature OCXO in DIL8 package
logo
Raltron Electronics Cor...
OX2000A RALTRON-OX2000A Datasheet
132Kb / 2P
Miniature OCXO in standard 14-pin DIP package
OX2551A RALTRON-OX2551A Datasheet
34Kb / 2P
Miniature OCXO in modified CO-15 package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com