Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3EB-2S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # M3EB-2S
Description  3 STATES ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M3EB-2S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  M3EB-2S Datasheet HTML 1Page - List of Unclassifed Manufacturers M3EB-2S Datasheet HTML 2Page - List of Unclassifed Manufacturers M3EB-2S Datasheet HTML 3Page - List of Unclassifed Manufacturers M3EB-2S Datasheet HTML 4Page - List of Unclassifed Manufacturers M3EB-2S Datasheet HTML 5Page - List of Unclassifed Manufacturers M3EB-2S Datasheet HTML 6Page - List of Unclassifed Manufacturers M3EB-2S Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
2004-03-02
3 STATES ENCODER
3
態編碼 IC
EN/DECODER
M3EB
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
RECONNENDED OSCILLATOR PARAMETERS
Rosc (KΩ )
M3EB/DB (KHz)
180
388
200
352
240
294
300
234
360
196
470
152
560
128
680
102
750
94
820
88
910
74
DATA OUTPUT
M3EB
(D0~D3)
M3DB
(D0~D3)
X (OPEN)
0 (VSS)
1 (VDD)
1 (VDD)
POWER ON
0 (VSS)
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
Rosc ( KO)
M3EB/DB
Freq-Rosc Chart
( @Vdd=12V )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com