Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIPL762 Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # TIPL762
Description  NPN SILICON POWER TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPL762 Datasheet(HTML) 3 Page - Power Innovations Ltd

  TIPL762 Datasheet HTML 1Page - Power Innovations Ltd TIPL762 Datasheet HTML 2Page - Power Innovations Ltd TIPL762 Datasheet HTML 3Page - Power Innovations Ltd TIPL762 Datasheet HTML 4Page - Power Innovations Ltd TIPL762 Datasheet HTML 5Page - Power Innovations Ltd TIPL762 Datasheet HTML 6Page - Power Innovations Ltd TIPL762 Datasheet HTML 7Page - Power Innovations Ltd TIPL762 Datasheet HTML 8Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
AUGUST 1978 - REVISED MARCH 1997
TIPL762, TIPL762A
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
PARAMETER MEASUREMENT INFORMATION
Figure 1. Inductive-Load Switching Test Circuit
Figure 2. Inductive-Load Switching Waveforms
RB
(on)
V
BE(off)
Vclamp = 400 V
vcc
µµH
180
33
Ω
Ω
+5V
D45H11
BY205-400
BY205-400
2N2222
BY205-400
5X BY205-400
BY205-400
1 k
Ω
Ω
68
Ω
Ω
1 k
Ω
Ω
47
Ω
Ω
2N2904
D44H11
100
Ω
Ω
270
Ω
Ω
V Gen
+5V
1 k
Ω
Ω
0.02
µµF
TUT
1 pF
33
Ω
Ω
Adjust pw to obtain IC
For IC < 6 A VCC = 50 V
For IC ≥ 6 A VCC = 100 V
Base Current
A (90%)
I
B(on)
IB
Collector Voltage
Collector Current
D (90%)
E (10%)
F (2%)
C
B
90%
10%
V
CE
I
C(on)
A - B = tsv
B - C = trv
D - E = tfi
E - F = tti
B - E = txo
NOTES: A. Waveforms are monitored on an oscilloscope with the following characteristics: tr < 15 ns, Rin > 10 Ω, Cin < 11.5 pF.
B. Resistors must be noninductive types.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com