Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC593LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC593LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC593LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC593LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC593LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5
5 - 181
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 2, 5, 6, 8,
9, 11 - 13
N/C
No connection necessary.
These pins may be connected to RF/DC ground.
3
RFIN
This pin is AC coupled and matched to 50 Ohms.
4, 7, 15
GND
These pins must be connected to RF/DC ground.
10
RFOUT
This pin is AC coupled and matched to 50 Ohms.
14
Vdd
Power supply voltage. Bypass capacitors are required. See
application circuit.
16
Vctl
LNA/Bypass Mode Control Voltage. See truth table.
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC593LP3 / 593LP3E
v00.0407
Application Circuit
Component
Value
C1, C2
100pF
C3
10KpF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com