Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C2550B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C2550B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C2550B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C2550B Datasheet HTML 9Page - NXP Semiconductors SC16C2550B Datasheet HTML 10Page - NXP Semiconductors SC16C2550B Datasheet HTML 11Page - NXP Semiconductors SC16C2550B Datasheet HTML 12Page - NXP Semiconductors SC16C2550B Datasheet HTML 13Page - NXP Semiconductors SC16C2550B Datasheet HTML 14Page - NXP Semiconductors SC16C2550B Datasheet HTML 15Page - NXP Semiconductors SC16C2550B Datasheet HTML 16Page - NXP Semiconductors SC16C2550B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
SC16C2550B_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 15 February 2007
13 of 43
NXP Semiconductors
SC16C2550B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
6.6 DMA operation
The SC16C2550B FIFO trigger level provides additional flexibility to the user for block
mode operation. LSR[6:5] provide an indication when the transmitter is empty or has an
empty location(s). The user can optionally operate the transmit and receive FIFOs in the
DMA mode (FCR[3]). When the transmit and receive FIFOs are enabled and the DMA
mode is de-activated (DMA Mode 0), the SC16C2550B activates the interrupt output pin
for each data transmit or receive operation. When DMA mode is activated (DMA Mode 1),
the user takes the advantage of block mode operation by loading or unloading the FIFO in
a block sequence determined by the receive trigger level and the transmit FIFO. In this
mode, the SC16C2550B sets the TXRDY (or RXRDY) output pin when characters in the
transmit FIFO is below 16 or the characters in the receive FIFOs are above the receive
trigger level.
6.7 Loop-back mode
The internal loop-back capability allows on-board diagnostics. In the Loop-back mode, the
normal modem interface pins are disconnected and reconfigured for loop-back internally
(see Figure 7). MCR[0:3] register bits are used for controlling loop-back diagnostic testing.
In the Loop-back mode, the transmitter output (TX) and the receiver input (RX) are
disconnected from their associated interface pins and instead are connected together
internally. The CTS, DSR, CD and RI are disconnected from their normal modem control
inputs pins and instead are connected internally to RTS, DTR, MCR[3] (OP2) and MCR[2]
(OP1). Loop-back test data is entered into the transmit holding register via the user data
bus interface, D0 through D7. The transmit UART serializes the data and passes the serial
data to the receive UART via the internal loop-back connection. The receive UART
Table 7.
Baud rate generator programming table using a 1.8432 MHz clock
Output
baud rate
(bit/s)
Output
16
× clock divisor
(decimal)
Output
16
× clock divisor
(hexadecimal)
DLM
program value
(hexadecimal)
DLL
program value
(hexadecimal)
50
2304
900
09
00
75
1536
600
06
00
110
1047
417
04
17
150
768
300
03
00
300
384
180
01
80
600
192
C0
00
C0
1200
96
60
00
60
2400
48
30
00
30
3600
32
20
00
20
4800
24
18
00
18
7200
16
10
00
10
9600
12
0C
00
0C
19.2 k
6
06
00
06
38.4 k
3
03
00
03
57.6 k
2
02
00
02
115.2 k
1
01
00
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com