Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC624LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC624LP4
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC624LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC624LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC624LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC624LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC624LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC624LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC624LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC624LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC624LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC624LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
10
10 - 203
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output Return Loss [1]
(Only Major States are Shown)
Input Return Loss [1]
(Only Major States are Shown)
Normalized Attenuation [1]
(Only Major States are Shown)
HMC624LP4 / 624LP4E
0.5 dB LSB GaAs MMIC 6-BIT
DIGITAL ATTENUATOR, DC - 6 GHz
v02.0807
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
FREQUENCY (GHz)
Insertion Loss vs. Temperature [1]
-5
-4
-3
-2
-1
0
012345
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
[1] Data taken with bias tees on input and output RF ports.
[2] C1, C6 = 330pF
-40
-35
-30
-25
-20
-15
-10
-5
0
012345
6
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
012345
6
FREQUENCY (GHz)
Bit Error vs. Frequency [2]
(Only Major States are Shown)
Bit Error vs. Attenuation State [2]
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
01234
56
FREQUENCY (GHz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
4
8
12
16
20
24
28
32
ATTENUATION STATE (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com