Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6AS36 Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # 6AS36
Description  MICRO SWITCH™ Premium Large Basic Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

6AS36 Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button 6AS36 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 10Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 11Page - Honeywell Solid State Electronics Center 6AS36 Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8 sensing.honeywell.com
BZ | BA | BM | BE | 6AS Series
O.F. • Operating force
R.F. • Release force
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position
OVERTRAVEL PLUNGER ORDER GUIDE
Catalog Listing
Recommended
For
O.F.
N [oz]
R.F.
min.
N [ oz]
P.T.
max.
mm
[in]
O.T.
min.
mm
[in]
D.T.
mm [in]
O.P.*
mm [in]
BZ-2RD72-A2
Applications requiring
gold alloy contacts
1 A
P
2,5 to 3,61
[9 to 13]
1,11
[4]
0,38
[0.015]
1,52
[0.060]
0,01 to 0,05
[0.0004 to 0.0020]
21,21
[0.835]
BZ-2RD-A2
Added overtravel. For
manual operation and
slow 20° (max) cam rise
15 A
A
2,5 to 3,61
[9 to 13]
1,11
[4]
0,38
[0.015]
1,52
[0.060]
0,01 to 0,05
[0.0004 to 0.0020]
21,21
[0.835]
BZ-2RD24-A2
Operating in temperature
to 121 °C [250 °F]
15 A
A
2,5 to 3,61
[9 to 13]
1,11
[4]
0,38
[0.015]
1,52
[0.060]
0,01 to 0,05
[0.0004 to 0.0020]
21,21
[0.835]
BM-1RD-A2
Up to 22 ampere load
22 A
F
1,95 to 2,78
[7 to 10]
1,11
[4]
0,38
[0.015]
1,52
[0.060]
0,013 to 0,025
[0.0005 to 0.0010]
21,21
[0.835]
BZ-2RDS725551-A2
Applications requiring
gold alloy contacts plus
dustproof and splash
resistant seal
1 A
P
3,61 to 5,28
[13 to 19]
1,11
[4]
–
1,52
[0.060]
0,01 to 0,063
[0.0004 to 0.0025]
28,20
[1.110]
BZ-2RDS5551-A2
Dustproof and splash
resistant seal
15 A
A
3,61 to 5,28
[13 to 19]
1,11
[4]
–
1,52
[0.060]
0,01 to 0,063
[0.0004 to 0.0025]
28,20
[1.110]
BA-2RB-A2
Up to 20 ampere load
20 A
G
3,89 to 6,12
[14 to 22]
2,78
[10]
1,27
[0.050]
2,39
[0.094]
0,05 to 0,019
[0.0020 to 0.0075]
26,20
[1.03]
BE-2RB-A4
Up to 25 ampere load,
#8 screw terminals
25 A
H
3,89 to 6,12
[14 to 22]
2,78
[10]
1,27
[0.050]
2,39
[0.094]
0,05 to 0,019
[0.0020 to 0.0075]
26,20
[1.03]
BZ-2RS72-A2
Applications requiring
gold alloy contacts
1 A
P
2,5 to 3,61
[9 to 13]
1,11
[4]
0,38
[0.015]
1,52
[0.060]
0,01 to 0,05
[0.0004 to 0.0020]
28,20
[1.110]
BZ-2RS-A2
Added overtravel. For
in-line operation and
with JR aux. actuators
15 A
A
2,5 to 3,61
[9 to 13]
1,11
[4]
0,38
[0.015]
1,52
[0.060]
0,01 to 0,063
[0.0004 to 0.0025]
28,20
[1.110]
BZ-2RS24-A2
Operating in temperature
to 121 °C [250 °F]
15 A
A
2,5 to 3,61
[9 to 13]
1,11
[4]
0,38
[0.015]
1,52
[0.060]
0,01 to 0,05
[0.0004 to 0.0020]
28,20
[1.110]
BZ-2RST04
(M8805/1-012)
MIL-PRF-8805 applica-
tion
requirements
15 A
A
2,5 to 3,61
[9 to 13]
1,67
[6]
0,38
[0.015]
1,52
[0.060]
0,01 to 0,05
[0.0004 to 0.0020]
28,20
[1.110]
BZ-RSX
Manual reset
solder terminals
15 A
E
1,95 to 2,64
[7 to 9]
–
0,30
[0.012]
0,65
[0.025]
–
2,79
[1.11]
BM-1RS-A2
Up to 22 ampere load
22 A
F
1,95 to 2,78
[7 to 10]
1,11
[4]
0,38
[0.015]
1,52
[0.060]
0,013 to 0,025
[0.0005 to 0.0010]
28,20
[1.110]
BZ-2RS7225551-A2
Applications requiring gold
alloy contacts plus
dustproof and splash
resistant seal
1 A
P
2,5 to 4,17
[9 to 15]
1,11
[4]
–
1,52
[0.060]
0,01 to 0,063
[0.0004 to 0.0025]
28,20
[1.110]
BZ-2RS5551-A2
Dustproof and splash
resistant seal
15 A
A
2,5 to 4,17
[9 to 15]
1,11
[4]
–
1,52
[0.060]
0,01 to 0,063
[0.0004 to 0.0025]
28,20
[1.110]
* ±51 mm [±0.020 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com