Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CABGA Datasheet(PDF) 1 Page - Amkor Technology

Part # CABGA
Description  Amkor’s ChipArray® Ball Grid Array (CABGA) laminate based packages are compatible with SMT mounting processes worldwide.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

CABGA Datasheet(HTML) 1 Page - Amkor Technology

  CABGA_V01 Datasheet HTML 1Page - Amkor Technology CABGA_V01 Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reliability Qualification
Amkor assures reliable performance by continuously monitoring key
indices:
f
Moisture sensitivity characterization: JEDEC level 3 @ 260°C, L2 & L1
achievable in some structures/BOMs*, 85°C/85% RH, 168 hours
f
HAST: 130°C/85% RH, 96 hours
f
Temp/Humidity: 85°C/85% RH, 1000 hours
f
Temperature cycle: -55°C/+125°C, 1000 cycles
f
High temperature storage: 150°C, 1000 hours
f
Automotive AEC-Q100 grade 0 reliability available**
*Contact Amkor for additional information
**Board level reliability available
Body Size
(mm)
ΘJA at 1.0W and 0 Airflow (°C/W)
LFBGA
TFBGA
VFBGA
8 x 8
37.28
36.45
37.52
10 x 10
29.86
29.04
26.7
15 x 15
20.1
N/A
N/A
19 x 19
17.04
N/A
N/A
Thermal Performance (Standard BOM)
Thin core laminate (2 to 6 metal layer) from the strongest supply chain in
the industry, ultra-thin mold cap thickness and Si thinning to 50 μm enable
next-generation tablets, smartphones, game controllers, digital and video
cameras and remote devices.
Advances in substrate surface finishes and routing techniques reduce gold
costs while improving electrical and board level reliability performance.
Innovative thermal package structures offer cost competitive solutions for
the most challenging thermal management needs.
Applications
The ChipArray® package family is applicable for a wide range of
semiconductors from high end FPGAs, ASICS to memory, analog, RF devices,
MCUs and simple PLDs requiring a package size smaller than conv entional
PBGAs or leadframe packages. ChipArray® packages fill the need for the
low cost, minimum space, high performance and reliability requirements of
mobile and gaming devices, notebooks, personal computers, networking,
automotive and industrial applications.
Amkor’s ChipArray® Ball Grid Array (CABGA) laminate based packages
are compatible with SMT mounting processes worldwide. The near
chip size CABGA fine-pitch BGA (FBGA) offers a broad selection of ball
array pitches (≥0.3 mm pitch), ball counts and body sizes (1.5 mm
to 27 mm body), single and multi-die layouts, stacked die (1-16) and
passive component integration.
ChipArray® CABGA/FBGA
DATA SHEET | LAMINATE PRODUCTS
FEATURES
f
Cutting-edge technology and
expanding package offerings provide
a platform from prototype-to-
production
f
Copper (Cu) wire interconnect method
and high-volume infrastructure at all
Amkor CABGA production facilities
f
Lowest cost using Amkor standard
CABGA bill of materials selection
f
1.5-27 mm body size available
f
Square or rectangle packages
available
f
4-700 ball/lead counts
f
0.4, 0.5, 0.65, 0.75, 0.80 & 1.0 mm ball
pitch available
f
JEDEC publication 95 design guide 4.5
(JEP95)
f
RoHS-6 (green) BOM options for 100%
of CABGA family
f
Thermal conductivity epoxy (8 W/mk)
and thermal conductivity compound
(3 W/mK) are available


Similar Part No. - CABGA_V01

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
CABGA AMKOR-CABGA Datasheet
310Kb / 2P
ChipArray짰 Packages
CABGA AMKOR-CABGA Datasheet
411Kb / 2P
Silver Wirebonding
02/22
More results

Similar Description - CABGA_V01

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
Fine Pitch Ball Grid Array - Stacked Die
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
Ball Grid Array (BGA, 1.50mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
Ball Grid Array (BGA, 1.27mm Pitch)
NP291-03617 YAMAICHI-NP291-03617 Datasheet
41Kb / 1P
Fine Ball Grid Array (FBGA, 0.75mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
Shrink Ball Grid Array (1.27mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
ball grid array (bga) resistor networks
logo
Kingbright Corporation
AA3535SEL2Z4S KINGBRIGHT-AA3535SEL2Z4S Datasheet
335Kb / 6P
Compatible with IR-reflow processes
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
Ball Grid Array Packaging
04.24.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com