Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBGA Datasheet(PDF) 2 Page - Amkor Technology

Part # PBGA
Description  Amkor’s PBGA/TEPBGA packages incorporate the most advanced assembly processes and designs for cost/performance applications.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PBGA Datasheet(HTML) 2 Page - Amkor Technology

  PBGA_V01 Datasheet HTML 1Page - Amkor Technology PBGA_V01 Datasheet HTML 2Page - Amkor Technology PBGA_V01 Datasheet HTML 3Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thermal Performance
Thermal Performance vs. Cost
Applications
The integrated design features of Amkor’s PBGAs
offer enhanced performance in many devices,
making this the ideal package for: microprocessors,
microcontrollers, ASICs, gate arrays, memory, DSPs,
PLDs, graphics and PC chip sets.
Applications requiring improved portability,
form-factor/size and high-performance such as cellular,
wireless telecommunications, PCMCIA cards, Global
Positioning Systems (GPS), laptop PCs, netbooks, video
cameras, disc drives and similar products benefit from
Amkor’s PBGA attributes.
Reliability Qualification
Amkor assures reliable performance by continuously
monitoring key indices.
f
Moisture sensitivity characterization: JEDEC level 3,
30°C/60% RH, 192 hours
f
uHAST: 130°C/85% RH, 96 hours
f
Temp cycle: -55°C/+125°C, 1000 cycles
f
High temp storage: 150°C, 1000 hours
f
Automotive AEC-Q100 reliability available
Process Highlights
f
Die thickness: 13 mils
f
Bond pad pitch (min): 2.4 mils
f
Au wire diameter: 1.2-0.5 mils
f
Cu wire diameter: 1.2-0.7 mils
f
Marking: Laser
f
Ball inspection: Optical
f
Pack/Ship options: JEDEC trays, dry pack
f
Wafer backgrinding available
Standard Materials
f
Package substrate: CCL-HL832HX-A
f
Die attach adhesive: Ablestik 2300
f
Wire: Au HTS/Cu PCC
f
Mold compound: Nitto GE100L, Sumitomo G770FE
f
Solder balls: Leaded or lead-free options
Test Services
f
Program generation/conversion
f
Product engineering
f
Wafer sort
f
256 pin x 20 MHz test system available
f
-55°C to +125°C test available
f
Burn-in capabilities
f
Tape and reel services
Shipping
f
JEDEC outline CO-029 low-profile tray
Cross Section PBGA
2
3
4
5
*Max powers shown are estimates based on 35 x 35 mm body, 10.2 x 10.2 mm die, 64 thermal balls/vias, ∆T = 50°C, no air flow, JEDEC multilayer PCB
Relative Cost
TEPBGA-3
Θ
JA = 11
Max Power = 4.5W
TEPBGA-2
Θ
JA = 11.8
Max Power = 4.2W
TEPBGA-1
Θ
JA = 15.8
Max Power = 3.2W
PBGA
Θ
JA = 17.5
Max Power = 2.8W
A
Mold compound
Eutectic solder ball
Via
Die attach adhesive
A
B
C
D
Die
Wirebond
Rigid laminate
Solder mask
E
F
G
H
B
C
D
E
F
G
H



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com