Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

200-12HT2 Datasheet(PDF) 2 Page - KG Technologies, Inc.

Part # 200-12HT2
Description  HIGH VOLTAGE DC RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

200-12HT2 Datasheet(HTML) 2 Page - KG Technologies, Inc.

  200-12HT2 Datasheet HTML 1Page - KG Technologies, Inc. 200-12HT2 Datasheet HTML 2Page - KG Technologies, Inc. 200-12HT2 Datasheet HTML 3Page - KG Technologies, Inc. 200-12HT2 Datasheet HTML 4Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KG Technologies Inc.
Phone: +1.888.513.1874
Email: info@kgtechnologies.net
Web: www.kgtechnologies.net
HFE80V-60_EN Rev 1.0
2
A
Current Endurance‡‡
Current
Duration
60A
Continuous
90A
12 min
180A
15 s
600A
1 s
‡‡ Testing Conditions: 1V, 85°C, 15 mm2 cable used
Electrical Endurance§§
Contact Rating
Contact Rating
Operations
Switching: Steady 60A
Contact Voltage: 12Vdc
0.6s/5.4s
100,000 ops
Switching: Steady 60A
Contact Voltage: 48Vdc
50,000 ops
Switching: Steady 60A
Contact Voltage: 72Vdc
30,000 ops
Switching: Steady 60A
Contact Voltage: 150Vdc
10,000 ops
Switching: Steady 10A
Contact Voltage: 150Vdc
75,000 ops
Switching: Steady 60A
Contact Voltage: 200Vdc
5,000 ops
§§23oC room temperature
Coil Resistance
(Ω±10%) at 23°C
Nominal Coil Voltage
Pick-up Voltage
Drop-out Voltage
Coil Resistance
12Vdc
≤9Vdc
≥1Vdc
48Ω
24Vdc
≤18Vdc
≥2Vdc
192Ω
Ordering Information
HFE80
V
- 60/
■
-■ -H
T
2
XXX
Type
Application
V : Vehicle
Series Code
60: 60A
Load Voltage
150 : 150Vdc
200 : 200Vdc
Coil Voltage
12 : 12Vdc
24 : 24Vdc
Contact Type
H : 1 Form A
Contact Material
T : AgSnO2
Coil Termination
2 : Quick Connect Terminals
Special Code
XXX : Customer Customization



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com