Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7700CP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CP
Description  SUPPLY-VOLTAGE SUPERVISOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7700CP Datasheet(HTML) 2 Page - Texas Instruments

  TL7700CP Datasheet HTML 1Page - Texas Instruments TL7700CP Datasheet HTML 2Page - Texas Instruments TL7700CP Datasheet HTML 3Page - Texas Instruments TL7700CP Datasheet HTML 4Page - Texas Instruments TL7700CP Datasheet HTML 5Page - Texas Instruments TL7700CP Datasheet HTML 6Page - Texas Instruments TL7700CP Datasheet HTML 7Page - Texas Instruments TL7700CP Datasheet HTML 8Page - Texas Instruments TL7700CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TL7700
SUPPLY VOLTAGE SUPERVISOR
SLVS220C − JULY 1999 − REVISED NOVEMBER 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Reference
Voltage
+
−
+
−
R
S
Q
+
−
Vs = 500 mV TYP
RESET
GND
CT
SENSE
†ICT = 15 µA TYP; Is = 2.5 µA TYP
VCC
ICT†
High:
On
IS†
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
CT
1
Timing capacitor connection. This terminal sets the RESET output pulse duration (tpo). It is connected internally to a
15-
µA constant-current source. There is a limit on the switching speed of internal elements; even if CT is set to 0,
response speeds remain at approximately 5 to 10
µs. If CT is open, the device can be used as an adjustable-threshold
noninverting comparator. If CT is low, the internal output-stage comparator is active, and the RESET output transistor
is on. An external voltage must not be applied to this terminal due to the internal structure of the device. Therefore, drive
the device using an open-collector transistor, FET, or 3-state buffer (in the low-level or high-impedance state).
GND
4
Ground. Keep this terminal as low impedance to reduce circuit noise.
NC
3, 6, 7
No internal connection
RESET
8
Reset output. This terminal can be connected directly to a system that resets in the active-low state. A pullup resistor
usually is required because the output is an npn open-collector transistor. An additional transistor should be connected
when the active-high reset or higher output current is required.
SENSE
2
Voltage sense. This terminal has a threshold level of 500 mV. The sense voltage and hysteresis can be set at the same
time when the two voltage-dividing resistors are connected. The reference voltage is temperature compensated to inhibit
temperature drift in the threshold voltage within the operating temperature range.
VCC
5
Power supply. This terminal is used in an operating-voltage range of 1.8 V to 40 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com