Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC5.0 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SAC5.0
Description  Low Capacitance Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SAC5.0 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SAC5.0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SAC5.0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SAC5.0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SAC5.0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
- 641 -
RATINGS AND CHARACTERISTIC CURVES (SAC SERIES)
FIG.2- PULSE DERATING CURVE
0
50
100
150
175
0
25
50
75
100
T
LEAD TEMPERATURE( C)
L
,
O
FIG.3- PULSE WAVEFORM
0
0
1.0
2.0
3.0
4.0
100
150
50
t TIME (ms)
T =25 C
Pulse Width (td)
is defined sa the point
where the peak current
decays to 50% of l
j
0
PPM
td
tr=10 sec.
m
10/1000 sec. Waveform
as defined by R.E.A.
m
Peak Value
lPPM
HALF VALUE - IPP
lPPM
2
FIG.1- PEAK PULSE POWER RATING CURVE
0.1 s
100 s
1.0ms
10ms
10 s
1.0 s
0.1
30
10
1
tp, PULSE WIDTH, (sec.)
Non-repetitive Pulse
Waveform shown in Fig.3
T =25 C
A
0
Impulse
Exponential
Decay
Half Sine
Square
Current Waveform
td
td
PPK
PPK
PPK".5
tld
td=7tp
Average Power
Peak Power
(single pulse)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com