Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC50 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SAC50
Description  Low Capacitance Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SAC50 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SAC50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SAC50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SAC50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SAC50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- 638 -
SAC SERIES
Low Capacitance Transient Voltage Suppressor Diodes
Voltage Range
5.0 to 50 Volts
500 Watts Peak Power
1.0 Watt Steady State
Features
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
500W surge capability at 10 X 1000us waveform, duty cycle:
0.01%
Excellent clamping capability
Low incremental surge resistance
Fast response time: Typically less than 1.0ps from 0 volts to
VBR for unidirectional and 5.0 nS for bidirectional
High temperature soldering guaranteed: 260
OC / 10 seconds
/ .375”,(9.5mm) lead length / 5lbs.,(2.3kg) tension
Idel for data line applications
Maximum junction capacitance at o volts is 50 pF
Mechanical Data
Case: JEDEC DO-15 molded plastic over a
passicated junction
Lead: Axial leads, solderable per MIL-STD-
750, Method 2026
Polarity: Color band denotes cathode except
bipolar
Weight: 0. 4 gram, 0.015 ounce
DO-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
P
eak Power Dissipation at TA=25
OC, Tp=1ms
(Note 1)
PPK
Minimum 500
Watts
Steady State Power Dissipation at TL=75
OC
Lead Lengths .375”, 9.5mm
PD
3.0
Watts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
OC
Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
OC Per Fig. 2.


Similar Part No. - SAC50

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC50 EIC-SAC50 Datasheet
38Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Microsemi Corporation
SAC50 MICROSEMI-SAC50 Datasheet
65Kb / 2P
LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
Weitron Technology
SAC50 WEITRON-SAC50 Datasheet
101Kb / 3P
Low Capacitance Tranient Voltage Suppressor
logo
TAITRON Components Inco...
SAC50 TAITRON-SAC50 Datasheet
136Kb / 4P
500W Low Capacitance Transient Voltage Suppressor
logo
Vishay Siliconix
SAC50 VISHAY-SAC50 Datasheet
97Kb / 4P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
20-Oct-08
More results

Similar Description - SAC50

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
Low Capacitance Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
ULCE6.5A SUNMATE-ULCE6.5A Datasheet
389Kb / 3P
ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com