Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2771CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2771CD
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2771CD Datasheet(HTML) 3 Page - Texas Instruments

  TLV2771CD Datasheet HTML 1Page - Texas Instruments TLV2771CD Datasheet HTML 2Page - Texas Instruments TLV2771CD Datasheet HTML 3Page - Texas Instruments TLV2771CD Datasheet HTML 4Page - Texas Instruments TLV2771CD Datasheet HTML 5Page - Texas Instruments TLV2771CD Datasheet HTML 6Page - Texas Instruments TLV2771CD Datasheet HTML 7Page - Texas Instruments TLV2771CD Datasheet HTML 8Page - Texas Instruments TLV2771CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004
3
WWW.TI.COM
PACKAGE SYMBOLS
PACKAGE TYPE
PINS
PART NUMBER
SYMBOL†
SOT23
5 Pin
TLV2771CDBV
VAMC
SOT23
5 Pin
TLV2771IDBV
VAMI
TLV2770CDGK
xxTIABO
8 Pin
TLV2770IDGK
xxTIABP
MSOP
8 Pin
TLV2772CDGK
xxTIAAF
MSOP
TLV2772IDGK
xxTIAAG
10 Pin
TLV2773CDGS
xxTIABQ
10 Pin
TLV2773IDGS
xxTIABR
† xx represents the device date code.
TLV277x PACKAGE PINOUT
NC − No internal connection
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN −
NC
NC
1IN −
NC
1IN +
NC
TLV2772M AND TLV2772AM
FK PACKAGE
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com