Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP20D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # EGP20D
Description  2.0 AMPS. Glass Passivated High Efficient Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

EGP20D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  EGP20D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd EGP20D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 589 -
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (EGP20A THRU EGP20K)
FIG.5- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
10
100
1
0.1
0.01
0.001
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=75 C
0
Tj=125 C
0
Tj=150 C
0
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
75
90
45
0
15
60
30
NUMBER OF CYCLES AT 60Hz
Tj=Tj max.
8.3ms Single Half Sine Wave
JEDEC Method
FIG.6- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FORWARD VOLTAGE. (V)
Tj=25 C
0
Tj=150 C
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
0.01
1
10
50
0.1
PULSE WIDTH-300 S
1% DUTY CYCLE
EGP20A-EGP20D
EGP20F
EGP20K
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
0.1
10
1000
100
20
40
60
100
120
140
0
80
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
EGP20A-EGP20D
EGP20F-EGP20K
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
0
50
75
125
175
150
100
0
1.0
2.0
3.0
AMBIENT TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
0.375" (9.5mm) LEAD LENGTH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com