Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQFP Datasheet(PDF) 1 Page - Amkor Technology

Part # TQFP
Description  Amkor offers a broad line of TQFP (Thin Quad Flat Pack) IC packages.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

TQFP Datasheet(HTML) 1 Page - Amkor Technology

  TQFP Datasheet HTML 1Page - Amkor Technology TQFP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Amkor offers a broad line of TQFP (Thin Quad Flat Pack) IC packages.
These packages allow IC packaging engineers, component specifiers
and systems designers to solve issues such as increasing board
density, die shrink programs, thin end‑product profile and portability.
TQFP
DATA SHEET | LEADFRAME PRODUCTS
Thermal Performance
Single-Layer PCB
Package
Body Size
(mm)
Pad Size
(mm)
θJA at (°C/W) by Velocity (LFPM)
0
200
500
32 Ld
7 x 7
5 x 5
69.3
57.8
52.1
64 Ld
14 x 14
8 x 8
47.0
38.1
33.9
100 Ld
14 x 14
8 x 8
43.4
35.5
31.7
Electrical Performance
Simulated Results @ 100 MHz
Package
Body Size
(mm)
Pad Size
(mm)
Lead
Inductance
(nH)
Bulk
Capacitance
(pF)
Self
Resistance
(mF)
176 Ld
20 x 20
10 x 10
Longest
Shortest
4.890
3.490
0.871
0.744
58.4
43.9
Multi-Layer PCB
Package
Body Size
(mm)
Pad Size
(mm)
θJA at (°C/W) by Velocity (LFPM)
0
200
500
32 Ld
7 x 7
5 x 5
49.5
43.8
41.3
64 Ld
14 x 14
8 x 8
35.1
29.8
27.7
100 Ld
14 x 14
8 x 8
33.4
28.5
26.4
JEDEC standard test boards
JEDEC standard test boards
Tested @ 1W
FEATURES
f
5 x 5 mm to 20 x 20 mm body size
with 1.0 mm body height
f
32‑176 lead counts
f
Broad selection of die pad sizes
available
f
Pre‑plated frames available
f
Inverted pad configuration available
f
Custom leadframe design available
f
Cu, Au and Ag wire options
f
Pb‑free and RoHS compliant materials
APPLICATIONS
Amkor’s TQFPs are an ideal
package for most IC semiconductor
technologies such as ASIC, gate
arrays (FPGA/PLD), microcontrollers
and PMIC controllers.
TQFP packages are particularly
well suited for electronic systems
applications requiring broad
performance characteristics,
including computing, video/
audio, telecommunications, data
acquisition, communication boards
(ethernet, ISDN, etc.), set‑top box and
automotive.


Similar Part No. - TQFP

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
logo
Amkor Technology
TQFP AMKOR-TQFP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
ATMEL Corporation
TQFP-32 ATMEL-TQFP-32 Datasheet
30Kb / 1P
Socket card
logo
List of Unclassifed Man...
TQFP-44 ETC-TQFP-44 Datasheet
42Kb / 1P
TQFP-44/LQFP-44/PQFP-44/VQFP-44 Stencil (0.8 mm pitch, 10 x 10 mm body)
logo
ATMEL Corporation
TQFP-64 ATMEL-TQFP-64 Datasheet
30Kb / 1P
Socket card
More results

Similar Description - TQFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TQFP48 STMICROELECTRONICS-TQFP48 Datasheet
99Kb / 5P
48-LEAD THIN QUAD FLAT
Apr-2004
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
MQFP STATSCHIP-MQFP Datasheet
103Kb / 2P
Metric Quad Flat Pack
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
QFP-SD STATSCHIP-QFP-SD Datasheet
527Kb / 2P
Stacked Die Quad Flat Pack
QFP-EP STATSCHIP-QFP-EP Datasheet
117Kb / 2P
Exposed Pad Quad Flat Pack
logo
Amkor Technology
CQFP AMKOR-CQFP Datasheet
332Kb / 1P
Ceramic Quad Flat Pack Package
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
Low Profile Quad Flat Pack (LQFP) Packages
PDIP AMKOR-PDIP Datasheet
393Kb / 2P
Amkor?셲 PDIP packages offer
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
QFP (Quad Flat Packages, Gullwing Leads)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com