Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLSIP-WL3D Datasheet(PDF) 2 Page - Amkor Technology

Part # WLSIP-WL3D
Description  Embedded Wafer Level System Integration
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

WLSIP-WL3D Datasheet(HTML) 2 Page - Amkor Technology

  WLSIP-WL3D Datasheet HTML 1Page - Amkor Technology WLSIP-WL3D Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such
information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of
whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not
in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor
reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are
registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2019 Amkor Technology, Incorporated. All Rights Reserved. DS703B-EN Rev Date: 08/19
Visit amkor.com or email sales@amkor.com for more information.
Design Features
f
Package size: 2 x 3 mm2 - 33 x 28 mm2
f
Package thickness: 0.275 mm (WLSiP – Multi-chip
module) to 1.900 mm (WL3D)
f
WLSiP with up to 10 active dies and 50 passives
qualified
f
Minimum through package via pitch: 0.350 mm
f
BGA pitch: down to 0.350 µm
f
Minimum die-to-die distance: 0.100 mm
f
Minimum passive-to-die and passive-to-passive
distance: 0.150 mm
f
Minimum die TPV pad pitch: 0.050 mm and
opening 0.045 mm
f
Bottom side Cu-RDL minimum line/space:
0.010 mm/0.010 mm, multi-layer RDL
f
Top side Cu-RDL minimum line/space:
0.020 mm/0.020 mm, single-layer RDL
WLSiP & WL3D
Differentiation
f
High integration density through small die-to-die
distance
f
Multi-layer RDL and double-sided RDL (WLFO
bottom and top side)
f
3D stacking enabled by TPV concept
f
Small form factor (optimization based on customer
needs in footprint or z-height)
f
BGA ball attach and flip chip with underfill assembly
on same WLFO bottom side
f
Heterogeneous integration of multiple different
active dies (Si, GaAs, SiGe), already packaged dies,
passives, optical elements, sensors and MEMS
Cross Sections
WLFO-Based Embedded Wafer Level System Integration Portfolio
WLSiP passives integration
WLSiP multi-chip module
WL3D face-to-face
WL3D RDL on both sides
through package vias
WLSiP multi-chip module
WL3D Package-on-Package,
face-to-face, through package vias
Dual die package
pick & place
WLSiP before molding
WLSiP after molding
Cross section
through package vias



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com