Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF11 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF11
Description  1.0 AMP. Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF11 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF11 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF11 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 226 -
SF11 THRU SF18
1.0 AMP. Super Fast Rectifiers
Voltage Range
50 to 600 Volts
Current
1.0 Ampere
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.34 gram
DO-41
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SF
11
SF
12
SF
13
SF
14
SF
15
SF
16
SF
17
SF
18
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50 100 150 200 300 400 500 600
V
Maximum RMS Voltage
VRMS
35
70
105 140 210 280 350 420
V
Maximum DC Blocking Voltage
VDC
50 100 150 200 300 400 500 600
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
℃
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=100
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
30
15
pF
Typical Thermal Resistance (Note 3)
R
θJA
70
℃/W
Operating Temperature Range
TJ
-65 to +125
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on PCB.


Similar Part No. - SF11

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF11 MOSPEC-SF11 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
Won-Top Electronics
SF11 WTE-SF11 Datasheet
46Kb / 3P
1.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF11 ZOWIE-SF11 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF11 RECTRON-SF11 Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Jinan Gude Electronic D...
SF11 JGD-SF11 Datasheet
161Kb / 2P
1.0 AMP. SUPER FAST RECTIFIERS
More results

Similar Description - SF11

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF11 FORMOSA-SF11 Datasheet
36Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF18 FORMOSA-SF18 Datasheet
64Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11S TSC-SF11S Datasheet
64Kb / 2P
1.0 AMP. Super Fast Rectifiers
SF11 TSC-SF11_1 Datasheet
257Kb / 2P
1.0 AMP. Super Fast Rectifiers
SFT11 TSC-SFT11_1 Datasheet
270Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Taiwan Memory Technolog...
SF11S_B08 TMT-SF11S_B08 Datasheet
44Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF11S GWSEMI-SF11S Datasheet
71Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES1A DGNJDZ-ES1A Datasheet
40Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF11 DGNJDZ-SF11 Datasheet
203Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
SF11 DYELEC-SF11 Datasheet
703Kb / 2P
1.0 AMP. Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com