Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF25 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF25
Description  2.0 AMPS. Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF25 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF25 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF25 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
SF21 - SF28
2.0 AMPS. Super Fast Rectifiers
DO-15
Features
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss.
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free. solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.40 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SF
21
SF
22
SF
23
SF
24
SF
25
SF
26
SF
27
SF
28
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50 100 150 200 300 400 500 600
V
Maximum RMS Voltage
VRMS
35
70
105 140 210 280 350 420
V
Maximum DC Blocking Voltage
VDC
50 100 150 200 300 400 500 600
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
oC
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
oC at Rated DC Blocking Voltage
@ TA=100
oC
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
40
30
pF
Typical Thermal Resistance
RθJA
65
oC/W
Operating Temperature Range
TJ
-65 to +125
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on PCB.


Similar Part No. - SF25

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF25 MOSPEC-SF25 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
logo
Won-Top Electronics
SF25 WTE-SF25 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF25 ZOWIE-SF25 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF25 RECTRON-SF25 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
SF25 JGD-SF25 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF25

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF21 JGD-SF21 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
SF31 JGD-SF31 Datasheet
160Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
logo
List of Unclassifed Man...
ES2A ETC1-ES2A Datasheet
51Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
ES2A TSC-ES2A Datasheet
247Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2A TSC-ES2A_1 Datasheet
56Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
SF21 TSC-SF21 Datasheet
69Kb / 2P
2.0 AMPS. Super Fast Rectifiers
SF21G TSC-SF21G_1 Datasheet
257Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Yangzhou yangjie electr...
SF21 YANGJIE-SF21 Datasheet
771Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF21 TSC-SF21_10 Datasheet
561Kb / 2P
2.0 AMPS. Super Fast Rectifiers
SF21G TSC-SF21G_10 Datasheet
585Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com