Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN612M Datasheet(PDF) 3 Page - STMicroelectronics

Part # TYN612M
Description  12 A SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612M Datasheet(HTML) 3 Page - STMicroelectronics

  TYN612M_07 Datasheet HTML 1Page - STMicroelectronics TYN612M_07 Datasheet HTML 2Page - STMicroelectronics TYN612M_07 Datasheet HTML 3Page - STMicroelectronics TYN612M_07 Datasheet HTML 4Page - STMicroelectronics TYN612M_07 Datasheet HTML 5Page - STMicroelectronics TYN612M_07 Datasheet HTML 6Page - STMicroelectronics TYN612M_07 Datasheet HTML 7Page - STMicroelectronics TYN612M_07 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYN612M
Characteristics
3/8
Figure 3.
Average and D.C. on-state current
versus case temperature
(TO-220FPAB)
Figure 4.
Relative variation of thermal
impedance versus pulse duration
(TO-220AB)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
25
50
75
100
125
I
(A)
T(AV)
T (°C)
C
α = 180°
D.C.
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K=[Z /R ]
th
th
t (s)
p
Rth(j-c)
Rth(j-a)
Figure 5.
Relative variation of thermal
impedance versus pulse duration
(TO-220FPAB)
Figure 6.
Relative variation of gate trigger
current, holding current, latching
current and gate trigger voltage
versus junction temperature
(typical values)
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K=[Z /R ]
th
th
t (s)
p
Rth(j-c)
Rth(j-a)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-40 -30 -20 -10
0
10 20 30 40 50 60 70 80 90 100 110 120 130
I
GT,IH,IL, VGT [Tj]/IGT,IH,IL, VGT [Tj=25°C]
I
GT
I
H & IL
VGT
T (°C)
j
Figure 7.
Surge peak on-state current versus
number of cycles
Figure 8.
Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms, and
corresponding values of I²t
0
10
20
30
40
50
60
70
80
90
100
110
120
130
1
10
100
1000
I
(A)
TSM
Number of cycles
Non repetitive
T initial=25°C
j
Repetitive
T =105°C
C
O ne cycle
tp=10m s
10
100
1000
0.01
0.10
1.00
10.00
I
(A), I t (A s)
TSM
22
t (ms)
P
T initial=25°C
j
ITSM
I t
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com