Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER53-E Datasheet(PDF) 19 Page - STMicroelectronics

Part # VIPER53-E
Description  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53-E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VIPER53-E Datasheet HTML 15Page - STMicroelectronics VIPER53-E Datasheet HTML 16Page - STMicroelectronics VIPER53-E Datasheet HTML 17Page - STMicroelectronics VIPER53-E Datasheet HTML 18Page - STMicroelectronics VIPER53-E Datasheet HTML 19Page - STMicroelectronics VIPER53-E Datasheet HTML 20Page - STMicroelectronics VIPER53-E Datasheet HTML 21Page - STMicroelectronics VIPER53-E Datasheet HTML 22Page - STMicroelectronics VIPER53-E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
VIPer53 - E
Current mode topology
19/36
7
Current mode topology
The VIPer53-E implements the conventional current mode control method for regulating the
output voltage. This kind of feedback includes two nested regulation loops:
The inner loop controls the peak primary current cycle by cycle. When the Power MOSFET
output transistor is on, the inductor current (primary side of the transformer) is monitored
with a SenseFET technique and converted into a voltage. When VS reaches VCOMP, the
power switch is turned off. This structure is completely integrated as shown on the Block
Diagram on page 1, with the current amplifier, the PWM comparator, the blanking time
function and the PWM latch. The following formula gives the peak current in the Power
MOSFET according to the compensation voltage:
Equation 1
The outer loop defines the level at which the inner loop regulates peak current in the power
switch. For this purpose, VCOMP is driven by the feedback network (TL431 through an
optocoupler in secondary feedback configuration, see Figure 19 on page 17) and is sets
accordingly the peak drain current for each switching cycle.
As the inner loop regulates the peak primary current in the primary side of the transformer,
all input voltage changes are compensated for before impacting the output voltage. This
results in an improved line regulation, instantaneous correction to line changes, and better
stability for the voltage regulation loop.
Current mode topology also provides a good converter start-up control. The compensation
voltage can be controlled to increase slowly during the start-up phase, so the peak primary
current will follow this soft voltage slope to provide a smooth output voltage rise, without any
overshoot. The simpler voltage mode structure which only controls the duty cycle, leads
generally to high current at start-up with the risk of transformer saturation.
An integrated blanking filter inhibits the PWM comparator output for a short time after the
integrated Power MOSFET is switched on. This function prevents anomalous or premature
termination of the switching pulse in the case of current spikes caused by primary side
transformer capacitance or secondary side rectifier reverse recovery time when working in
continuous mode.
I
Dpeak
V
COMP
V
COMPos
–
H
COMP
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com