Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFD604G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFD604G
Description  6.0 AMPS. Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFD604G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFD604G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFD604G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 258 -
Marking
0 5
0 5
30
5
.250(6.55)
.246(6.45)
.211(5.36)
.207(5.26)
.024(0.60)
.031(0.80)
.093(2.35)
.089(2.25)
.013(0.54)
.011(0.48)
.053(1.30)
.045(1.10)
.059(1.45)
.039(0.95)
.112(2.85)
.092(2.35)
.211(5.36)
.207(5.26)
.013(0.54)
.011(0.48)
12
3
SFD601G THRU SFD608G
6.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range
50 to 600 Volts
Current
6.0 Amperes
Features
Ultrafast Recovery
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Case: Epoxy molded
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds.
Weight: 0.4 grams
DPAK
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SFD
601G
SFD
602G
SFD
603G
SFD
604G
SFD
605G
SFD
606G
SFD
607G
SFD
608G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100 150 200 300 400 500 600
V
Maximum RMS Voltage
VRMS
35
70
105 140 210 280 350 420
V
Maximum DC Blocking Voltage
VDC
50
100 150 200 300 400 500 600
V
Maximum Average Forward Rectified
Current @TC = 137
℃
I(AV)
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@3.0A
VF
1.1
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
℃ at Rated DC Blocking Voltage
@ TA=100
℃
IR
5.0
200
µA
µA
Maximum Reverse Recovery Time(Note1)
Trr
35
nS
Typical Thermal Resistance
(Note 3)
R
θJC
9.0
℃/W
Typical Junction Capacitance (Note 2)
Cj
50
30
pF
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Thermal Resistance from Junction to Case.


Similar Part No. - SFD604G

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SFD60N03L SEMIWELL-SFD60N03L Datasheet
1Mb / 7P
Logic N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SFD60N03L VBSEMI-SFD60N03L Datasheet
992Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SFD604G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR601G JGD-FR601G Datasheet
147Kb / 2P
6.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SF61G TSC-SF61G Datasheet
67Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SF61G JGD-SF61G Datasheet
173Kb / 2P
6.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
6A05G TSC-6A05G Datasheet
65Kb / 2P
6.0 AMPS. Glass Passivated Rectifiers
FR601G TSC-FR601G Datasheet
69Kb / 2P
6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR601G TSC-FR601G_1 Datasheet
249Kb / 2P
6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SF61G TSC-SF61G_1 Datasheet
261Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
SF61G TSC-SF61G_10 Datasheet
585Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
FR601G TSC-FR601G_08 Datasheet
25Kb / 1P
6.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
GOOD-ARK Electronics
SF61 GOOD-ARK-SF61 Datasheet
671Kb / 2P
6.0 Amps. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com