Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCS-7010TX-48-DC-R Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # DCS-7010TX-48-DC-R
Description  7010X Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7010TX-48-DC-R Datasheet(HTML) 4 Page - Arista Networks, Inc

  DCS-7010TX-48-DC-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Enhanced Features for High Performance Networks
The Arista 7010X series deliver a suite of advanced traffic control and monitoring features to improve the agility of modern high
performance environments, with solutions for data monitoring, and next-generation virtualization.
Automating the data center enables customers to dynamically provision computing resources in the most efficient manner while also
meeting business needs by maintaining service level agreements (SLAs). Arista EOS automates complex IT workflows and simplifies
network operations while reducing or even eliminating downtime. Arista EOS rich automation capabilities not only reduce the human
error element in network operations but also enable IT operators to make the network work the way they want.
CloudVision
CloudVision is a network-wide approach for workload orchestration and workflow automation as a turnkey solution for Cloud
Networking. CloudVision extends the EOS publish subscribe architectural approach across the network for state, topology, monitoring
and visibility. This enables enterprises to move to cloud-class automation without needing any significant internal development.
EOS Licensing
Arista 7010X Series with EOS and CloudVision, are designed to provide flexibility both in the choice of the appropriate feature
functionality and in the software consumption model. The base feature set of Arista EOS comes bundled with the Arista products and
systems. A set of feature licenses are available to enable additional functionality in advanced feature sets. The traditional licensing
procurement model employs a perpetual term for the right to use the feature, set at a fixed price. For Arista CloudVision the
functionality is available as a monthly subscription, for an agreed upon term.
Routing: General Routing functionality (BGP, OSPF, Multicast, etc) is available in the EOS Enhanced (E) license. The EOS Flex-route (FLX)
Lite license expands that to include key features like BGP-EVPN for VXLAN. 
Automation/Visibility: CloudVision is the most complete offering for advanced automation and visibility. Arista also offers subsets of
CloudVision Lite, for entry-level GUI functionality. CloudVision is offered as an on-premises appliance (virtual or physical appliance) or as
a SaaS-based software application that is fully managed by Arista. The EOS V2 license includes capability to run custom extensions
natively or via containers in EOS. In addition, the V2 license gives customers an option of integrating with Arista’s best of breed
ecosystem for security, analytics, visibility, and other use-cases.
Arista Optics and Cables
The Arista 7010X Series supports a wide range of 1G, 10G and 25G pluggable optics and cables in the SFP ports. For details about the
different optical modules and the minimum EOS Software release required for each of the supported optical modules, visit 
https://www.arista.com/en/products/transceivers-cables
Multi-rate 10G/25G optics with extended reach for existing cable installations facilitate the easy migration from 10G to 25G with no
changes to existing fiber cable plant.
7010X Series | Platform Overview
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com