Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCS-7050CX3M-32S-R Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # DCS-7050CX3M-32S-R
Description  7050X3 MACsec Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7050CX3M-32S-R Datasheet(HTML) 4 Page - Arista Networks, Inc

  DCS-7050CX3M-32S-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7050CX3M-32S-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
7050X3 MACsec | Platform Overview
Smart System Upgrade
Smart System Upgrade is a network application designed to address one of the most complicated and challenging tasks facing data
center administrators - network infrastructure maintenance. Changes to the underlying network infrastructure can a ect large numbers
of devices and cause signi cant outages. SSU provides a fully customizable suite of features that tightly couples data center
infrastructure to technology partners allowing for intelligent insertion and removal, programmable updates to software releases and
open integration with application and infrastructure elements.
Virtualization
Supporting next-generation virtualized data centers requires tight integration with orchestration tools and encapsulation technologies
such as VXLAN. The 7050X3 build on the valuable tools already provided by the Arista VM Tracer suite to integrate directly into
encapsulated environments. O ering a wire-speed gateway between VXLAN and traditional L2/3 environments, they make integration
of non-VXLAN aware devices including servers, rewalls and load-balancers seamless and provide the ability to leverage VXLAN as a
standards based L2 extension technology for non-MPLS environments.
Precise Data Analysis
Arista Latency Analyzer (LANZ) is an integrated feature of EOS. LANZ provides precise real-time monitoring of micro-burst and
congestion events before they impact applications, with the ability to identify the sources and capture a ected tra c for analysis.
Advanced analytics are provided with features like bu er monitoring with con gurable thresholds, in-band path and latency
monitoring, event driven trace packets and granular time stamping.
Precision Timing (IEEE 1588)
Arista’s hardware derived Precision Time Protocol solution provides a robust mechanism for accurate in-band time distribution in high
performance environments. The system clock can be synchronized using IEEE 1588 PTP.
Dynamic Load Balancing *
Traditional hash-based load balancing algorithms can result in link and path allocations with short term imbalances and under
utilization of aggregate capacity. This is aggravated further in modern data centers with high tra c loads, varied ow duration, mixed
packet sizes and micro-bursts. DLB enhancements to load balancing consider the real time load on links and dynamically assign new
and existing ows to the best link. When imbalances are detected active ows and new ows are allocated to the least loaded paths to
reduce the possibility of drops. Supported with any combination of ECMP and LAG/MLAG, DLB delivers higher throughout with
enhanced load distribution while o ering the user an open implementation.
Flexible Pipeline
The Arista 7050X3M series support an enhanced forwarding architecture with smarter and exible packet pipeline which allows the
addition of new capabilities to the data plane of the packet processor through software upgrades without changes or replacement of
the underlying hardware. This allows for rapid testing and deployment avoiding costly replacements or major upgrades. Together with
exible resource allocation provided by the Uni ed Forwarding Tables (UFT), the programmable pipeline increases the exibility of the
platform allowing for broad use cases and ensures continued investment protection.
Network Address Translation
The Arista 7050X3M series support static and dynamic address translation at line rate and introducing no additional latency when the
mappings are set up. High performance environments can take advantage of NAT to resolve addressing challenges such as masking
internal addresses and translating overlapping ranges resulting in simpler network topologies without performance penalty.
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com