Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN-7000H-R Datasheet(PDF) 11 Page - Arista Networks, Inc

Part # FAN-7000H-R
Description  7050X3 Series 10/25/40/50/100G Data Center Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000H-R Datasheet(HTML) 11 Page - Arista Networks, Inc

Back Button FAN-7000H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 10Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 11Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 12Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 13Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 14Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 15Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Supported Optics and Cables
40GbE
40G QSFP ports
10GBASE-CR
0.5m-5m QSFP+ to 4x SFP+ (see note 1)
40GBASE-CR4
0.5m to 5m QSFP+ to QSFP+
40GBASE-AOC
3m to 100m
40GBASE-UNIV
150m (OM3) /150m (OM4) /500m (SM)
40GBASE-SRBD
100m (OM3) /150m (OM4)
40GBASE-SR4
100m (OM3) /150m (OM4)
40GBASE-XSR4
300m (OM3) /450m (OM4)
40GBASE-PLRL4
1km (1km 4x10G LR/LRL)
40GBASE-LRL4
1km
40GBASE-PLR4
10km (10km 4x10G LR/LRL)
40GBASE-LR4
10km
40GBASE-ER4
40km
100GbE
100G QSFP ports
100GBASE-SR4
70m OM3 / 100m OM4 Parallel MMF
100GBASE-XSR4
150m OM3 / 300m OM4 Parallel MMF
100GBASE-SWDM4
70m OM3 / 100m OM4 Duplex MMF
100GBASE-SRBD
70m OM3 / 100m OM4 Duplex MMF
100GBASE-LR
10km SM Duplex
100GBASE-LR4/LRL4
10km/2km SM Duplex
100GBASE-XCWDM4
10km SM Duplex
100GBASE-CWDM4
2km SM Duplex
100GBASE-FR
2km SM Duplex
100GBASE-DR
500m SM Duplex
100GBASE-PSM4
500m SM Parallel
100GBASE-AOC
1m to 30m
100GBASE-ERL4
40km SM Duplex
100GBASE-CR4
QSFP to QSFP: 1m to 5m
25GBASE-CR
QSFP to SFP25: 1m to 3m lengths
10GbE
SFP+ ports
10GBASE-CR
SFP+ to SFP+: 0.5m-5m
10GBASE-AOC
SFP+ to SFP+: 3m-30m
10GBASE-SRL
100m
10GBASE-SR
300m
10GBASE-LRL
1km
10GBASE-LR
10km
10GBASE-ER
40km
10GBASE-ZR
80km
10GBASE-T
Up to 30m over Cat6a
10GBASE-DWDM
80km
1GbE SX/LX/TX *
Yes
25GbE
25G SFP Ports
25GBASE-CR
SFP25 to SFP25: 1m-5m
25GBASE-AOC
SFP+ to SFP+: 3m-30m
25GBASE-MR-XSR
200m OM3 / 300m OM4 Duplex MMF
25GBASE-SR
70m
25GBASE-LR
10km
25GBASE-MR-LR
10km
7050X3 Series | Technical Specifications
* 100Mb is supported on 10G SFP+ ports on 7050CX3-32S and 7050SX3-96YC8 only
Arista Optics and Cables
The Arista 7050X3 Series supports a wide range of 10G to 100G pluggable optics and cables. For details about the different optical
modules and the minimum EOS Software release required for each of the supported optical modules, visit:
https://www.arista.com/en/products/transceivers-cables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com