Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIT-7101 Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # KIT-7101
Description  7132LB Series Layer 2 Application Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

KIT-7101 Datasheet(HTML) 2 Page - Arista Networks, Inc

  KIT-7101 Datasheet HTML 1Page - Arista Networks, Inc KIT-7101 Datasheet HTML 2Page - Arista Networks, Inc KIT-7101 Datasheet HTML 3Page - Arista Networks, Inc KIT-7101 Datasheet HTML 4Page - Arista Networks, Inc KIT-7101 Datasheet HTML 5Page - Arista Networks, Inc KIT-7101 Datasheet HTML 6Page - Arista Networks, Inc KIT-7101 Datasheet HTML 7Page - Arista Networks, Inc KIT-7101 Datasheet HTML 8Page - Arista Networks, Inc KIT-7101 Datasheet HTML 9Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Platform Architecture
The Xilinx UltraScale+ VU9P-3 FPGA is directly connected to 48 x SFP28 and 4 x QSFP28 front panel ports, providing a platform to
support existing Arista applications such as Low Latency Mux or High Precision Timestamping, while allowing the FPGA to be also
utilized by the customers for their custom applications. The FPGA also has three direct connections to the CPU card and four direct
connections to 8G DDR4 memory.
Arista 7132LB-48Y4C System Architecture
7132LB Series | Platform Overview
Data Sheet
Application
Overview
Key Features
Use it for...
SwitchApp
Layer 2 and Layer 3
Switching
• Ultra Low Latency Packet Forwarding with
89-150ns latency
• Non Blocking Bandwidth Profiles upto 600
Gbps
• Full cut through architecture
• Sub-nanosecond precise time stamping
• Upto 48 ports at 10G and 36 ports of
Layer2/Layer 3 support at 25G.
• Different profiles for latency vs bandwidth
vs features
• Layer 2 and Layer 3 Forwarding
• Packet encapsulating and filtering
• Improved network reliability &
troubleshooting problems
• Accurate latency measurement &
monitoring
• Regulatory compliance (MiFID II - RTS 25) 
7132 FPGA Applications
Arista offers several powerful network applications to simplify and transform network infrastructure. These applications are designed for
use cases including ultra-low latency exchange trading, network visibility and vendor- or broker-based shared services. These
applications enable a complete lifecycle of networking functions, such as packet replication, multiplexing, filtering, time stamping,
aggregation and capture.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com