Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN-7000H-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # FAN-7000H-R
Description  7170 Series Programmable Data Center Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7000H-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button FAN-7000H-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 9Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 10Page - Arista Networks, Inc FAN-7000H-R Datasheet HTML 11Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7170 Series | Technical Specifications
Specifications
Switch Model
7170-64C E
7170-32C E
7170-32CD E
Ports
64x QSFP100
2x SFP+
32x QSFP100
2x SFP+
32x QSFP100
2x SFP+
Max 100GbE Ports
64
32
32
Max 50GbE Ports
128
64
64
Max 40GbE Ports
64
32
32
Max 25GbE Ports
256
128
128
Max 10GbE Ports
258
130
130
Max 1GbE Ports
2
2
2
Throughput
12.8 Tbps
6.4 Tbps
6.4 Tbps
Packets/Second
Up to 4.8 Bpps
Up to 2.4 Bpps
Up to 2.4 Bpps
Latency
From 800 ns
From 800 ns
From 800 ns
CPU
Multi-core x86
Multi-core x86
Multi-core x86
System Memory
16 GB
(64 GB Optional)
16 GB
(32 GB Optional)
16 GB
(32 GB Optional)
Flash Storage Memory
30 GB
30 GB
30 GB
SSD Storage Option
120 GB
30 GB
No
Packet Buffer Memory
22 MB
20 MB
20 MB
10/100/1000 Mgmt Ports
1
1
1
RS-232 Serial Ports
1 (RJ-45)
1 (RJ-45)
1 (RJ-45)
USB Ports
1
1
1
Hot-swap Power Supplies
2 (1+1 redundant)
2 (1+1 redundant)
2 (1+1 redundant)
Hot-swappable Fans
4 (N+1 redundant)
4 (N+1 redundant)
4 (N+1 redundant)
Reversible Airflow Option
Yes
Yes
Yes
Typical/Max Power Draw 1
271 W / 571 W
221 W / 490 W
221 W / 490 W
Rack Units
2RU
1RU
1RU
Size (WxHxD)
19 x 3.5 x 18 inches
(48.3 x 8.8 x45.7 cm)
19 x 1.75 x 16 inches
(48.3x 4.4x 40.64cm)
19 x 1.75 x 16 inches
(48.3x 4.4x 40.64cm)
Weight
34lbs (15.6kg)
22lbs (10kg)
22lbs (10kg)
Power Supplies
745W AC
1900W DC
747W AC
1900W DC
747W AC
1900W DC
EOS Feature Licenses
Group 3
Group 2
Group 2
Minimum EOS
4.20.5FX
4.21.0F
4.21.3F
1. Typical power consumption measured at 25C ambient with 50% load, performance rated over operation with average packets larger than 128 bytes.
E. Product is subject to an End of Sale notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com