Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR005 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR005
Description  0.5 AMP. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR005 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR005 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR005 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
SR002 - SR015
0.5 AMP. Schottky Barrier Rectifiers
DO-41
Features
Low power loss, high efficiency.
High current capability, Low VF.
High reliability
High surge current capability.
Epitaxial construction.
Guard-ring for transient protection.
For use in low voltage, high frequency
inventor, free wheeling, and polarity
protection application
Mechanical Data
Cases: DO-41 molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free., solderable
per MIL-STD-202, Method 208
guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.33 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oCambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SR
002
SR
003
SR
004
SR
005
SR
006
SR
009
SR
010
SR
015
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90 100 150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70 105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90 100 150
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
0.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage @ 0.5
A
VF
0.55
0.70
0.85
0.95
V
Maximum D.C. Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
0.5
10
0.5
5
0.1
2.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
110
80
65
pF
Typical Thermal Resistance (Note 1)
RθJA
50
o
C/W
Operating Junction Temperature Range
TJ
- 65 to +125
-65 to +150
o
C
Storage Temperature Range
T
STG
-65 to +150
o
C
Notes:
1. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.


Similar Part No. - SR005

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR005 TSC-SR005 Datasheet
58Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
SR005 TSC-SR005 Datasheet
534Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
SR005 TSC-SR005 Datasheet
201Kb / 4P
Schottky Barrier Rectifier
More results

Similar Description - SR005

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL6675 CDI-DIODE-CDLL6675 Datasheet
69Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
CDLL0.2A20 MICROSEMI-CDLL0.2A20 Datasheet
51Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002 Datasheet
58Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MSCD052 SECOS-MSCD052 Datasheet
261Kb / 2P
0.5 AMP Surface Mount Schottky Barrier Rectifiers
SCS0520P SECOS-SCS0520P Datasheet
125Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V Datasheet
199Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
SCS0540LP SECOS-SCS0540LP Datasheet
202Kb / 2P
0.5 Amp Low VF Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002_10 Datasheet
534Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MSCD052 SECOS-MSCD052_15 Datasheet
244Kb / 3P
0.5 Amp Surface Mount Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
1N6675 NJSEMI-1N6675 Datasheet
88Kb / 1P
0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com