Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

024 Datasheet(PDF) 1 Page - France Joint

Part # 024
Description  PISTON SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

024 Datasheet(HTML) 1 Page - France Joint

  024 Datasheet HTML 1Page - France Joint 024 Datasheet HTML 2Page - France Joint 024 Datasheet HTML 3Page - France Joint 024 Datasheet HTML 4Page - France Joint 024 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
The BECA 024 profile is a double acting
composite piston seal composed of a
profiled rubber ring and a filled PTFE
or POM back-up ring. It meets the
standards MIL-G-5514F and AS4716.
ADVANTAGES
Excellent extrusion resistance
Good sealing effect in static applications
Wide temperature range and excellent
chemical resistance, depending
on the materials selected
Housing in line with MIL-G-
5514F and AS4716
APPLICATIONS
Actuators
Brakes systems
Flight controls
Engine systems
Landing gear
MATERIALS
Profiled seal
NBR 70 Shore A
FKM 70 Shore A
EPDM 70 Shore A
VMQ 70 Shore A
Back-up ring
Polyoxymethylene - POM
Filled PTFE
PISTON SEALS
BECA 024
|
TECHNICAL DATA
Temperature
-40°C / +200°C
Pressure
35 MPa in static applications
21 MPa in dynamic applications
Speed
1 m/s
Media
Mineral hydraulic oils
Fire-resistant liquids
Biocompatible fluids
Water
Others (contact our experts)
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.1 - 0.4 µm
≤1.6 µm
≤3.2 µm
Rz
0.63 - 2.5 µm
≤6.3 µm
≤10.0 µm
Rmax
1.0 - 4.0 µm
≤10.0 µm
≤16.0 µm
|
CHAMFERS AND RADIUS
Series
Radius
Chamfer
C
R1 min - max
R2 min - max
010 - 028
0.13 - 0.26
0.13 - 0.38
2.00
110 - 149
0.13 - 0.26
0.13 - 0.38
2.50
210 - 222
0.13 - 0.26
0.13 - 0.38
3.00
223 - 247
0.13 - 0.26
0.25 - 0.64
3.50
325 - 349
0.13 - 0.26
0.51 - 0.89
4.00
425 - 460
0.13 - 0.26
0.51 - 0.89
4.50
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
AEROSPACE SEALS | PISTON SEALS |
BECA 024


Similar Part No. - 024

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
024-1000 HUAXINAN-024-1000 Datasheet
919Kb / 1P
Low coil power consumption
024-220 HUAXINAN-024-220 Datasheet
487Kb / 1P
Slim type and small occupying area can offer high density P.C.B. technique
logo
PCE Instruments.
024-4 PCE-024-4 Datasheet
3Mb / 6P
Industrial plugs and sockets series SHARK
Vers. 03/2012
024-4TT PCE-024-4TT Datasheet
3Mb / 6P
Industrial plugs and sockets series SHARK
Vers. 03/2012
logo
HuaXinAn Electronics CO...
024-540 HUAXINAN-024-540 Datasheet
97Kb / 1P
Slim type and small occupying area can offer high density P.C.B. technique
More results

Similar Description - 024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
8083959 FESTO-8083959 Datasheet
68Kb / 1P
Piston actuator
8083961 FESTO-8083961 Datasheet
69Kb / 1P
Piston actuator
8083962 FESTO-8083962 Datasheet
68Kb / 1P
Piston actuator
8083963 FESTO-8083963 Datasheet
69Kb / 1P
Piston actuator
8083965 FESTO-8083965 Datasheet
70Kb / 1P
Piston actuator
8083966 FESTO-8083966 Datasheet
69Kb / 1P
Piston actuator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com