Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAS820 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRAS820
Description  8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAS820 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRAS820 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAS820 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 52 -
Version:B07
SRAS820 - SRAS8150
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
D2PAK
Features
For surface mounted application
Ideal for automated pick & place
Low power loss, high efficiency
High current capability, low VF
High reliability
Epitaxial construction
Guard-ring for transient protection
Mechanical Data
Cases: D
2PAK molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free. solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds/.25”,(6.35mm) from case
Weight: 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SRAS
820
SRAS
830
SRAS
840
SRAS
850
SRAS
860
SRAS
890
SRAS
8100
SRAS
8150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Maximum Average Forward Rectified
Current See Fig. 1
I(AV)
8.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
M
aximum Instantaneous Forward Voltage
@8.0A
VF
0.55
0.70
0.95
V
0.1
Maximum D.C. Reverse Current
@Tc=25
oC at Rated DC Blocking Voltage
@ Tc=125
oC
IR
5.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
165
pF
Typical Thermal Resistance (Note 1)
RθJC
3.0
o
C/W
Operating Junction Temperature Range
TJ
-65 to +150
o
C
Storage Temperature Range
TSTG
-65 to +150
o
C
Notes: 1. Thermal Resistance from Junction to Case Per Leg
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.


Similar Part No. - SRAS820

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAS820 TSC-SRAS820 Datasheet
137Kb / 2P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820 Datasheet
257Kb / 4P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820 Datasheet
210Kb / 4P
Surface Mount Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820_11 Datasheet
137Kb / 2P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820_13 Datasheet
257Kb / 4P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SRAS820

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK82C TSC-SK82C Datasheet
50Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS890 TSC-SRAS890 Datasheet
90Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SK82C TSC-SK82C_1 Datasheet
88Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRA820 TSC-SRA820_1 Datasheet
255Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR820 YANGJIE-SR820 Datasheet
748Kb / 2P
8.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRA820 TSC-SRA820_09 Datasheet
218Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SK82C TSC-SK82C_10 Datasheet
527Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SR802 TSC-SR802_10 Datasheet
567Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SK82C TSC-SK82C_11 Datasheet
188Kb / 2P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK82C TSC-SK82C_13 Datasheet
269Kb / 4P
8.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com