Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4580IPW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # RC4580IPW
Description  RC4580 Dual Audio Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4580IPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button RC4580IPW Datasheet HTML 4Page - Texas Instruments RC4580IPW Datasheet HTML 5Page - Texas Instruments RC4580IPW Datasheet HTML 6Page - Texas Instruments RC4580IPW Datasheet HTML 7Page - Texas Instruments RC4580IPW Datasheet HTML 8Page - Texas Instruments RC4580IPW Datasheet HTML 9Page - Texas Instruments RC4580IPW Datasheet HTML 10Page - Texas Instruments RC4580IPW Datasheet HTML 11Page - Texas Instruments RC4580IPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
6 Detailed Description
6.1 Overview
The RC4580 device is a dual operational amplifier that has been designed optimally for audio applications, such
as improving tone control. The device offers low noise, high gain bandwidth, low harmonic distortion, and high
output current. When high output current is required, the RC4580 device can be used as a headphone amplifier.
Due to the wide operating supply voltage of the device, the RC4580 device can also be used in low-voltage
applications.
6.2 Functional Block Diagram
6.3 Feature Description
6.3.1 Unity-Gain Bandwidth
The unity-gain bandwidth is the frequency up to which an amplifier with a unity gain may be operated without
greatly distorting the signal. The RC4580 device has a 12MHz unity-gain bandwidth.
6.3.2 Common-Mode Rejection Ratio
The common-mode rejection ratio (CMRR) of an amplifier is a measure of how well the device rejects unwanted
input signals common to both input leads. The CMRR is found by taking the ratio of the change in input offset
voltage to the change in the input voltage, then converting to decibels. Ideally the CMRR is infinite, but in
practice, amplifiers are designed to have the CMRR as high as possible. The CMRR of the RC4580 device is
110dB.
6.3.3 Slew Rate
The slew rate is the rate at which an operational amplifier can change the op amp output when there is a change
on the input. The RC4580 device has a 5V/µs slew rate.
6.4 Device Functional Mode
The RC4580 device is powered on when the supply is connected. Each device can operate as a single-supply
operational amplifier or dual-supply amplifier depending on the application.
RC4580
SLOS412E – APRIL 2003 – REVISED NOVEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: RC4580



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com