Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL232R Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # EVAL232R
Description  FT232RL USB to RS232 Evaluation Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

EVAL232R Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button EVAL232R Datasheet HTML 10Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 11Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 12Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 13Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 14Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 15Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 16Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 17Page - Future Technology Devices International Ltd. EVAL232R Datasheet HTML 18Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
EVAL232R FT232RL USB to RS232 Evaluation Module Datasheet Version 0.90
© Future Technology Devices International Ltd. 2005
Page 17
8. Internal EEPROM Configuration
Following a power-on reset or a USB reset the FT232R will scan its internal EEPROM and read the USB configuration
descriptors stored there. The default values programmed into the internal EEPROM in the FT232RL used on the
EVAL232R are shown in Table 18.
Table 18 - Default Internal EEPROM Configuration
Parameter
Value
Notes
USB Vendor ID (VID)
0403h
FTDI default VID (hex)
USB Product ID (PID)
6001h
FTDI default PID (hex)
Serial Number Enabled?
Yes
Serial Number
See Note
A unique serial number is generated and programmed into the EEPROM
during final test of the EVAL232R module.
Pull Down I/O Pins in USB Suspend
Disabled
Enabling this option will make the device pull down on the UART interface
lines when the power is shut off (PWREN# is high)
Manufacturer Name
FTDI
Manufacturer ID
FT
Product Description
EVAL232 Board USB
<-> Serial
Max Bus Power Current
100mA
Power Source
Bus Powered
Device Type
FT232R
USB Version
0200
Returns USB 2.0 device descriptor to the host. Note: The device is be
a USB 2.0 Full Speed device (12Mb/s) as opposed to a USB 2.0 High
Speed device (480Mb/s).
Remote Wake up
Enabled
Taking RI# low will wake up the USB host controller from suspend.
High Current I/Os
Disabled
Enables the high drive level on the UART and CBUS I/O pins
Load VCP Driver
Enabled
Makes the device load the VCP driver interface for the device.
CBUS0
RXLED#
Default configuration of CBUS0 - Receive LED drive
CBUS1
TXLED#
Default configuration of CBUS1 - Transmit LED drive
CBUS2
PWREN#
Default configuration of CBUS2 - Power enable. Low after USB
enumeration, high during USB suspend.
CBUS3
PWREN#
Default configuration of CBUS3 - Power enable. Low after USB
enumeration, high during USB suspend.
CBUS4
SLEEP#
Default configuration of CBUS4 - Low during USB suspend. Used to
power down the EVAL232R’s RS232 level converter IC.
Invert TXD
Disabled
Signal on this pin becomes TXD# if enabled.
Invert RXD
Disabled
Signal on this pin becomes RXD# if enabled.
Invert RTS#
Disabled
Signal on this pin becomes RTS if enabled.
Invert CTS#
Disabled
Signal on this pin becomes CTS if enabled.
Invert DTR#
Disabled
Signal on this pin becomes DTR if enabled.
Invert DSR#
Disabled
Signal on this pin becomes DSR if enabled.
Invert DCD#
Disabled
Signal on this pin becomes DCD if enabled.
Invert RI#
Disabled
Signal on this pin becomes RI if enabled.
The internal EEPROM in the FT232R can be programmed over USB using the utility program MPROG. MPROG can
be downloaded from the FTDI website. Version 2.8a or later is required for the FT232R chip. Users who do not have
their own USB Vendor ID but who would like to use a unique Product ID in their design can apply to FTDI for a free
block of unique PIDs. Contact FTDI support for this service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com