Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232BL Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT232BL
Description  USB UART ( USB - Serial) I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT232BL Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 25Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
DS232B Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 22 of 25
FT232BM USB UART ( USB - Serial) I.C.
VCC5V
27R
USB "B"
Connector
27R
USB DM
RSTOUT#
8
FT232BM
USB DP
7
5
V
C
C
I
O
13
1
2
3
4
1K5
33nF
3v3OUT
6
0.1uF
G
N
D
G
N
D
A
G
N
D
9
17
29
RESET#
4
10K
4K7
Decoupling Capacitors
10uF
VCC5V
0.1uF
0.1uF
+
VCC3V
VCC3V
PWRCTL
V
C
C
V
C
C
3
26
470R
A
V
C
C
30
14
Figure 15
Self Powered Circuit with 3.3V logic drive / supply voltage
Figure 15 is an example of a USB self powered design with 3.3V interface. In this case VCCIO is supplied by an
external 3.3V supply in order to make the device IO pins drive out at 3.3V logic level, thus allowing it to be connected
to a 3.3V MCU or other external logic. A USB self powered design uses its own power supplies, and does not draw
any of its power from the USB bus. In such cases, no special care need be taken to meet the USB suspend current
(0.5 mA) as the device does not get its power from the USB port.
As with bus powered 3.3V interface designs, in some cases, where only a small amount of current is required (<5mA),
it may be possible to use the in-built regulator of the FT232BM to supply the 3.3V without any other components being
required. In this case, connect VCCIO to the 3v3OUT pin of the FT232BM.
Note that in this case PWRCTL is pulled up to VCCIO, not VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com