Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMXAT13 Datasheet(PDF) 2 Page - Rakon Limited

Part # TMXAT13
Description  SAW Bandpass Filters | Wireless Communications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

TMXAT13 Datasheet(HTML) 2 Page - Rakon Limited

  TMXAT13 Datasheet HTML 1Page - Rakon Limited TMXAT13 Datasheet HTML 2Page - Rakon Limited TMXAT13 Datasheet HTML 3Page - Rakon Limited TMXAT13 Datasheet HTML 4Page - Rakon Limited TMXAT13 Datasheet HTML 5Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TMX AT13
SAW Bandpass Filters | Wireless Communications
Issue: Rev 2, 22 December 2022
Specifications are subject to change without notice
Copyright © 2006 to 2022 Rakon Limited. All rights reserved
Page 1 of 4
www.rakonxpress.com
Features
Maximum Ratings
Parameter
Min.
Typ.
Max.
Unit
Storage temperature range (T
stg)
-40
85
°C
Operating temperature range (T
A)
-30
80
°C
DC Voltage
(VDC)
5
V
Input Power
20
dBm
Frequency and Electrical Characteristics (Reference temperature @ 25°C)
Parameter
Min.
Typ.1
Max.
Unit
Source impedance (Single)
50
Ω
Load impedance (Single)
50
Ω
Center frequency (fc)
915
MHz
Bandwidth (BW, passband width)
26.00
MHz
Absolute Attenuation
From DC to 800 MHz
From 800 to 845 MHz
From 845 to 879 MHz
From 950 to 990 MHz
From 990 to 1200 MHz
From 1200 to 2000 MHz
50
50
45
25
50
30
60
55
50
30
60
38
dB
Insertion Loss (IL, 902 – 928 MHz)
2.5
3.2
dB
Amplitude ripple (902 – 928 MHz)
0.7
1.6
dB
VSWR (902 – 928 MHz)
1.45
2.0
–
1
Typical values are nominal performances at room temperature
Features
Applications
3.8 x 3.8 mm
915 MHz center frequency
Ceramic package for Surface Mounted Technology
Low Loss: 2.5 dB typical value within PassBand
Width 902 ~ 928 MHz
No matching network required for operation at 50 Ω
Remote control - RF
Wireless applications:
o Home appliances
o Security systems



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com