Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3405CS Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS3405CS
Description  Single Synchronous Buck PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3405CS Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS3405CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Application (continued)
Single Power 5V and 12V Application
Boot
Vgate
Phase
Lgate
TS3405
COMP
Rfilter
RF
Roffset
RS
Q1
Q2
Lout
Dboot
Cout
Cboot
CHF
Cbulk
CF
C1
CDCPL
U1
Vout
Vcc_12V
Vcc_5V
Adjustable OCP Point Application
RC2
Boot
Vgate
Phase
Lgate
TS3405
COMP
Rfilter
RF
Roffset
RS
Q1
Q2
Lout
Dboot
Cout
Cboot
CHF
Cbulk
CF
C1
CDCPL
RC1
U1
Vin
Vout
TS3405
4-10
2003/12 rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com