Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS39302 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS39302
Description  3A Ultra Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39302 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39302 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39302 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS39301/2/3/4
1-7
2005/12 rev. A
TS39301/2/3/4
3A Ultra Low Dropout Positive Voltage Regulator
Low Dropout Voltage 0.4V (typ.)
Output Current 3A
Low Quiescent Current
General Description
The TS39301/2/3/4 are 3A ultra low dropout linear voltage regulators that provide low voltage, high current output with
a minimum of external components. The TS39301/2/3/4 offers extremely low dropout (typically 400mV at 3A) and low
quiescent current (typically 36mA at 3A).
The TS39301/2/3/4 is ideal for PC add-in cards that need to convert from standard 3.3V to 2.5V or 2.5V to 1.8V. A
guaranteed maximum dropout voltage of 500mV over all operating conditions allows the TS39301/2/3/4 to provide
2.5V from a supply as low as 3V, and 1.8V from a supply as low as 2.5V. The TS39301/2/3/4 also has fast transient
response for heavy switching applications. The device requires only 47uF of output capacitor to maintain stability and
achieve fast transient response.
On the TS39301/2/3/4, the enable pin may be tied to input voltage if it is not required for enable control. This series
are offered in 5-pin TO-220, TO-263 package.
Features
Dropout voltage typically 0.4V @Io=3A
Output current up to 3A
Low ground current
Current limiting and Thermal shutdown
Extremely fast transient response
Reversed leakage protection
Reverse battery protection
TTL/CMOS compatible enable pin
Error flag output (TS39301 only)
Adjustable version (TS39302 only)
Output voltage sense (TS39303 / 4 only)
Ordering Information
Note: Where xx denotes voltage option, available are
50 = 5.0V
33 = 3.3V
25 = 2.5V
18 = 1.8V
Part No.
Operating Temp.
Package
TS39301CZ5xx
TS39302CZ5
TS39303CZ5xx
TS39304CZ5xx
TO-220-5L
TS39301CM5xx
TS39302CM5
TS39303CM5xx
TS39304CM5xx
-40 ~ +125
oC
TO-263-5L
Applications
Battery power equipment
LDO linear regulator for PC add-in cards
PowerPC
TM power supplies
Multimedia and PC processor supplies
High efficiency linear power supplies
High efficiency post regulator for switching supply
Low-voltage microcontrollers and digital logic
SMPS post regulator


Similar Part No. - TS39302

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39302CM5 TSC-TS39302CM5 Datasheet
502Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39302CM5RN TSC-TS39302CM5RN Datasheet
721Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39302CZ5 TSC-TS39302CZ5 Datasheet
502Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39302CZ5C0 TSC-TS39302CZ5C0 Datasheet
721Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS39302

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
3A Ultra Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
3A Low Dropout Positive Voltage Regulator
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com