| Electronic Components Datasheet Search |
|
T48C862-R8 Datasheet(PDF) 34 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C862-R8 Datasheet(HTML) 34 Page - ATMEL Corporation |
|
34 / 107 page ![]() 34 T48C862-R8 4590B–4BMCU–02/03 Figure 27. Bi-directional Port 1 Bi-directional Port 2 As all other bi-directional ports, this port includes a bitwise programmable Control Reg- ister (P2CR), which enables the individual programming of each port bit as input or output. It also opens up the possibility of reading the pin condition when in output mode. This is a useful feature for self testing and for serial bus applications. Port 2, however, has an increased drive capability and an additional low resistance pull-up/pull-down transistor mask option. Care should be taken connecting external components to BP20/NTE. During any reset phase, the BP20/NTE input is driven towards V DD by an additional internal strong pull-up transistor. This pin must not be pulled down (active or passive) to V SS during reset by any external circuitry representing a resistor of less than 150 k W. This prevents the cir- cuit from unintended switching to test mode enable through the application circuitry at pin BP20/NTE. Resistors less than 150 k W might lead to an undefined state of the inter- nal test logic thus disabling the application firmware. To avoid any conflict with the optional internal pull-down transistors, BP20 handles the pull-down options in a different way than all other ports. BP20 is the only port that switches off the pull-down transistors during reset. Figure 28. Bi-directional Port 2 OUT IN Reset I/O Bus D R S Q Q NQ R Master reset P1DATy (Data out) (Direction) BP1y V DD * Switched pull-up * ** * *) Configurable V DD Static pull-up Static pull-down Switched pull-down Master reset Q Q BP2y Configurable * * P2DATy P2CRy I/O Bus D I/O Bus I/O Bus * * Switched pull-up * Static Pull-up (Data out) (Direction) * S D * S * V DD Static Pull-down Switched pull-down V DD |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |