Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89653APF Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB89653APF
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89653APF Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB89653APF Datasheet HTML 5Page - fujitsu semiconductor MB89653APF Datasheet HTML 6Page - fujitsu semiconductor MB89653APF Datasheet HTML 7Page - fujitsu semiconductor MB89653APF Datasheet HTML 8Page - fujitsu semiconductor MB89653APF Datasheet HTML 9Page - fujitsu semiconductor MB89653APF Datasheet HTML 10Page - fujitsu semiconductor MB89653APF Datasheet HTML 11Page - fujitsu semiconductor MB89653APF Datasheet HTML 12Page - fujitsu semiconductor MB89653APF Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
MB89650AR Series
9
s PIN DESCRIPTION
*1 : FPT-100P-M06
*2 : FPT-100P-M05
*3 : MQP-100C-P02
(Continued)
Pin no.
Pin name
Circuit
type
Function
QFP*1
MQFP*2
LQFP*3
41
MOD0
J
Operating mode selection pins
Connect to VSS (GND) when using.
52
MOD1
63
X0
A
Main clock crystal oscillator pins (Max 10 MHz)
74
X1
85
VSS
Power supply (GND) pin
9
6
RST
J
Reset input pin
10 to 17
7 to 14
P00/INT20 to
P07/INT27
F
General-purpose I/O ports
Also serve as an external interrupt 2 input (wake-up
function).
External interrupt 2 input (INT20 to INT27) is hysteresis
input while port input (P00 to P07) is CMOS input.
18 to 21
15 to 18
P10/INT10 to
P13/INT13
F
General-purpose I/O ports
Also serve as an external interrupt 1 input.
External interrupt 1 input (INT10 to INT13) is hysteresis
input while port input (P10 to P13) is CMOS input.
22 to 25
19 to 22
P14/INT28 to
P15/INT2B
F
General-purpose I/O ports
Also serve as an external interrupt 2 input (wake-up
function).
External interrupt 2 input (INT28 to INT2B) is hysteresis
input while port input (P14 to P17) is CMOS input.
26 to 28
23 to 25
P20 to P22
C
General-purpose I/O ports
29,
30,
31
26,
27,
28
P24/SI,
P25/SO,
P26/SCK
F
General-purpose I/O ports
The output type can be switched between N-ch open-
drain and CMOS. These ports also serve as an 8-bit se-
rial I/O.
The P26/SCK pin is a CMOS input type when it func-
tions as the port input (P26) while the pin is a hysteresis
input type when it functions as the serial clock input
(SCK).
32 to 47
29 to 44
P36/SEG31 to
P47/SEG26
H
General-purpose I/O ports
Also serve as an LCD controller/driver segment output.
48,
49
45,
46
SEG15,
SEG14
I
LCD controller/driver segment output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com