Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS221J Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS221J
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS221J Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54LS221J Datasheet HTML 5Page - Texas Instruments SN54LS221J Datasheet HTML 6Page - Texas Instruments SN54LS221J Datasheet HTML 7Page - Texas Instruments SN54LS221J Datasheet HTML 8Page - Texas Instruments SN54LS221J Datasheet HTML 9Page - Texas Instruments SN54LS221J Datasheet HTML 10Page - Texas Instruments SN54LS221J Datasheet HTML 11Page - Texas Instruments SN54LS221J Datasheet HTML 12Page - Texas Instruments SN54LS221J Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SN54221, SN54LS221, SN74221, SN74LS221
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics VCC = 5 V, RL = 2 kΩ, TA = 25_C (see Figures 1 and 2)
PARAMETER
FROM
TO
TEST CONDITIONS
SN54LS221
SN74LS221
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH
A
Q
45
70
45
70
tPLH
B
Q
Cext = 80 pF,
Rext = 2 kΩ
35
55
35
55
ns
tPHL
A
Q
Cext = 80 pF,
Rext = 2 kΩ
50
80
50
80
ns
tPHL
B
Q
40
65
40
65
tPHL
CLR
Q
Cext = 80 pF,
Rext = 2 kΩ
35
55
35
55
ns
tPLH
CLR
Q
Cext = 80 pF,
Rext = 2 kΩ
44
65
44
65
ns
Cext = 80 pF,
Rext = 2 kΩ
70
120
150
70
120
150
tw
A or B
Q or Q
Cext = 0,
Rext = 2 kΩ
20
47
70
20
47
70
ns
tw
A or B
Q or Q
Cext = 100 pF, Rext = 10 kΩ
670
740
810
670
740
810
ns
Cext = 1 µF,
Rext = 10 kΩ
6*
6.9
7.5*
6
6.9
7.5
ms
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com