Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS221DBRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LS221DBRG4
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS221DBRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LS221DBRG4 Datasheet HTML 9Page - Texas Instruments SN74LS221DBRG4 Datasheet HTML 10Page - Texas Instruments SN74LS221DBRG4 Datasheet HTML 11Page - Texas Instruments SN74LS221DBRG4 Datasheet HTML 12Page - Texas Instruments SN74LS221DBRG4 Datasheet HTML 13Page - Texas Instruments SN74LS221DBRG4 Datasheet HTML 14Page - Texas Instruments SN74LS221DBRG4 Datasheet HTML 15Page - Texas Instruments SN74LS221DBRG4 Datasheet HTML 16Page - Texas Instruments SN74LS221DBRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
SN54221, SN54LS221, SN74221, SN74LS221
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004
13
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (SN54/74221 ONLY)
Figure 3
Median
DISTRIBUTION OF UNITS
FOR
OUTPUT PULSE
tw − Output Pulse
VCC = 5 V
TA = 25°C
Median
+0.5%
Median
+0.5%
Figure 4
0
− 0.5
−1
4.5
4.75
5
0.5
VARIATION IN OUTPUT PULSE
vs
SUPPLY VOLTAGE
1
5.25
5.5
VCC − Supply Voltage − V
Cext = 60 pF
Rext = 10 kΩ
TA = 25°C
tw ≈ 420 ns
at VCC = 5 V
Figure 5
−25
−50
−75
0
− 0.5
−1
025
50
0.5
VARIATION IN OUTPUT PULSE
vs
FREE-AIR TEMPERATURE
1
75
100
125
TA − Free-Air Temperature − °C
VCC = 5 V
Cext = 60 pF
Rext = 10 kΩ
tw ≈ 420 ns
at TA = 25°C
OUTPUT PULSE
vs
TIMING RESISTOR VALUE
Figure 6
100 ns
10 ns
12
4
7 10
10 ms
1 ms
20
40
70 100
100
µs
10
µs
1
µs
VCC = 5 V
TA = 25°C
F
µ
Cext = 1
F
µ
Cext = 0.1
F
µ
Cext = 0.01
Cext = 1000 pF
Cext = 100 pF
Cext = 10 pF
See Note A
Rext − Timing Resistor Value − kΩ
† Data for temperatures below 0°C and above 70°C, and for supply voltages below 4.75 V and above 5.25 V are applicable for the SN54221 only.
NOTE A: These values of resistance exceed the maximum recommended for use over the full military temperature range of the SN54221.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com