Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3474IPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL3474IPWR
Description  HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3474IPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL3474IPWR Datasheet HTML 2Page - Texas Instruments TL3474IPWR Datasheet HTML 3Page - Texas Instruments TL3474IPWR Datasheet HTML 4Page - Texas Instruments TL3474IPWR Datasheet HTML 5Page - Texas Instruments TL3474IPWR Datasheet HTML 6Page - Texas Instruments TL3474IPWR Datasheet HTML 7Page - Texas Instruments TL3474IPWR Datasheet HTML 8Page - Texas Instruments TL3474IPWR Datasheet HTML 9Page - Texas Instruments TL3474IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TL3474, TL3474A
HIGHSLEW RATE, SINGLESUPPLY OPERATIONAL AMPLIFIERS
SLVS461B − JANUARY 2003 − REVISED JULY 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (TA = 25°C UNLESS OTHERWISE NOTED)
0
10
20
30
40
50
60
70
80
Frequency − Hz
Figure 1
OUTPUT IMPEDANCE
vs
FREQUENCY
1 k
10 k
100 k
1 M
10 M
AV = 1000
AV = 100
AV = 10
AV = 1
VCC± = ±15 V
VCM = 0 V
VO = 0 V
∆IO = ±0.5 mA
AV = 10
0
0.1
0.2
0.3
0.4
0.5
0.6
10
100
1 k
10 k
100 k
Figure 2
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
Frequency − Hz
AV = 1000
AV = 100
AV = 1
VCC± = ±15 V
VO = 2 Vpp
RL = 2 k
Frequency − Hz
GAIN AND PHASE
vs
FREQUENCY
Figure 3
−15
−10
−5
0
5
10
15
20
25
30
35
100 K
1 M
10 M
−300
−250
−200
−150
−100
−50
0
Phase 0 pF
Gain 300 pF
Gain 0 pF
Phase 300 pF
VCC± = ±15 V
Vo = 0 V
RL = 2 k
0.4
0.6
0.8
1
1.2
1.4
1.6
−55
−40
0
25
70
85
125
Figure 4
NORMALIZED INPUT BIAS CURRENT
vs
TEMPERATURE
TA − Temperature − °C
VCC± = ±15 V
VCM = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com