Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T85BDCDBA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # T85BDCDBA
Description  5x7 mm TCVCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T85BDCDBA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  T85BDCDBA Datasheet HTML 1Page - List of Unclassifed Manufacturers T85BDCDBA Datasheet HTML 2Page - List of Unclassifed Manufacturers T85BDCDBA Datasheet HTML 3Page - List of Unclassifed Manufacturers T85BDCDBA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5x7 mm TCVCXO
T85B Series
Supply Voltage (Vs):
Supply Voltage (Vs):
Power Supply (Vs)
Power Supply (Vs)
+3.3 Vdc +/-10%
+3.3 Vdc +/-10%
+5.0 Vdc +/-10%
+5.0 Vdc +/-10%
Product Code
C
D
Current Consumption:
CMOS
Clipped Sine Wave
Supply Current
6 mA
3.5 mA
Environmental:
Storage Temperature
-55 to +125
° C
Output Waveform:
CMOS
Clipped Sine Wave
HCMOS Output Levels (15pf load)
"0" < 0.1(Vs); "1" > 0.9(Vs)
Output Level 0.8 V p-p min.
Rise / Fall Time
<10ns (10% to 90%)
Duty Cycle
45 to 55% @ 50% Logic 1
Product Code
A
B
Pulling Range:
Tuning Range
None (TCXO)
+/- 5 ppm
Product Code
A
B
*Note: Only +/- 5 ppm minimum pull is available as a TCVCXO
Ordering Options:
Operating
Temperature
Frequency
Stability
Supply
Voltage
Output
Waveform
Pulling
Range
Operating
Frequency
C
A
C
A
A
D
B
D
B
B
C
xx.xxxxMHz
www.bliley.com
2545 West Grandview Blvd Erie, PA. 16506
Tel
(814) 838-3571
T85B C A C A B 10.0000MHz
Product Selection Code (refer to the above example):
This part is RoHs compliant; -20 to +70
° C, +/- 0.28 ppm, 3.3 volt CMOS output with +/- 5 ppm pull, 10MHz
operating frequency
** Not all combinations are available in this product.
Outline Drawing & Pin Out:
Page 2 of 4
Rev 1.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com