Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG06B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UG06B
Description  0.6 AMP. Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UG06B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UG06B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UG06B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
UG06A - UG06D
0.6 AMP. Glass Passivated Super Fast Rectifiers
TS-1
Features
Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
Ideally suited for use in very high frequency
switching power supplies, inverters and as free
wheeling diodes
Ultrafast recovery time for high efficiency
Excellent high temperature switching
Glass passivated junction
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead lengths at 5
lbs.,(2.3kg) tension
Mechanical Data
Cases: Void free molded plastic body over glass
passivated chip junction
Terminals: Pure tin plated, lead free, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode
Mounting position: Any
Weight: 0.0064 ounce, 0,181 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
UG06A
UG06B
UG06C
UG06D
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
V
Maximum RMS Voltage
VRMS
35
70
105
140
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
V
Maximum Average Forward Rectified Current
.375”(9.5mm) Lead Length @TL = 75
oC
I(AV)
0.6
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method ) @TL = 75
oC
IFSM
40
A
Maximum Instantaneous Forward Voltage
@ 0.6A
VF
0.95
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
15
nS
Typical Junction Capacitance ( Note 2 )
Cj
9.0
pF
Typical Thermal Resistance (Note 3)
RθJA
RθJL
97
28
oC/W
Operating Temperature Range TJ
TJ
-55 to +150
oC
Storage Temperature Range TSTG
T
STG
-55 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Thermal Resistance from Junction to Ambient at 0.375” (9.5mm) Lead Length.
Mounted on Cu-Pad size 0.2” x 0.2” (5mm x 5mm) on PCB.


Similar Part No. - UG06B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UG06B GE-UG06B Datasheet
51Kb / 2P
MINIATURE ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
UG06B TSC-UG06B Datasheet
67Kb / 2P
0.6 AMP. Ultrafast Plastic Rectifiers
logo
Vishay Siliconix
UG06B VISHAY-UG06B Datasheet
95Kb / 4P
Miniature Ultrafast Plastic Rectifier
20-Aug-07
UG06B VISHAY-UG06B Datasheet
71Kb / 4P
Miniature Ultrafast Plastic Rectifier
23-Oct-09
logo
Taiwan Semiconductor Co...
UG06B TSC-UG06B Datasheet
602Kb / 2P
0.6AMP. Glass Passivated Super Fast rectifiers
More results

Similar Description - UG06B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF11SG TSC-SF11SG Datasheet
64Kb / 2P
1.0 AMP. Glass Passivated Super Fast Rectifiers
SFT11G TSC-SFT11G Datasheet
62Kb / 2P
1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11G TSC-SF11G Datasheet
70Kb / 2P
1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11G TSC-SF11G_1 Datasheet
261Kb / 2P
1.0 AMP. Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_1 Datasheet
258Kb / 2P
1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF31G LUGUANG-SF31G Datasheet
195Kb / 2P
3.0 AMP. Glass Passivated Super Fast Rectifiers
SF21G LUGUANG-SF21G Datasheet
170Kb / 2P
2.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF21G GWSEMI-SF21G Datasheet
72Kb / 2P
2.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
SF31G GWSEMI-SF31G Datasheet
72Kb / 2P
3.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
SF51G GWSEMI-SF51G Datasheet
72Kb / 2P
5.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com