Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5906 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL5906
Description  10 MHz to 10 GHz, 67 dB TruPwr Detector
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL5906_V01 Datasheet HTML 22Page - Analog Devices ADL5906_V01 Datasheet HTML 23Page - Analog Devices ADL5906_V01 Datasheet HTML 24Page - Analog Devices ADL5906_V01 Datasheet HTML 25Page - Analog Devices ADL5906_V01 Datasheet HTML 26Page - Analog Devices ADL5906_V01 Datasheet HTML 27Page - Analog Devices ADL5906_V01 Datasheet HTML 28Page - Analog Devices ADL5906_V01 Datasheet HTML 29Page - Analog Devices ADL5906_V01 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Data Sheet
ADL5906
THEORY OF OPERATION
analog.com
Rev. B | 27 of 30
Table 7. Scaling Factors for Intercept Temperature Drift Compensation Using VTEMP
Frequency
(MHz)
TCVRMS, −40°C to +25°C,
PIN = 0 dBm (mV/°C)
TCVRMS, 25°C to 85°C,
PIN = 0 dBm (mV/°C)
TCVTEMP
(mV/°C)
VTEMP Weighting Factor,
−40°C to +25°C
(TCVTEMP/TCVRMS)
VTEMP Weighting Factor,
+25°C to +85°C
(TCVTEMP/TCVRMS)
100
0.72615
0.19667
4.8
6.61017
24.40678
700
0.81692
0.295
4.8
5.87571
16.27119
900
0.72615
0.295
4.8
6.61017
16.27119
1900
0.70154
0.19
4.8
6.84211
25.26316
2140
0.68923
0.28
4.8
6.96429
17.14286
2600
0.76154
0.275
4.8
6.30303
17.45455
3500
1.2
0
4.8
4
∞
5800
1.23931
0.08041
4.8
5.99417
85.287
1 TCVRMS based on temperature drift at PIN = −10 dBm.
DESCRIPTION OF CHARACTERIZATION
For a description on how characterization was completed, see the ADL5902 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com