Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT7184S Datasheet(PDF) 6 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 6 Page - Analog Devices

Back Button LT7184S Datasheet HTML 2Page - Analog Devices LT7184S Datasheet HTML 3Page - Analog Devices LT7184S Datasheet HTML 4Page - Analog Devices LT7184S Datasheet HTML 5Page - Analog Devices LT7184S Datasheet HTML 6Page - Analog Devices LT7184S Datasheet HTML 7Page - Analog Devices LT7184S Datasheet HTML 8Page - Analog Devices LT7184S Datasheet HTML 9Page - Analog Devices LT7184S Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
6 of 52
SPECIFICATIONS
Table 3. Electrical Characteristics
(TA = 25°C for typical values. For minimum and maximum values, specifications apply over the full operating
temperature range unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY
Channel 0 Input Supply
Range
EXTVCC < 3.0
2.9
16
V
Channel 0 Input Supply
Range with EXTVCC
3V ≤ EXTVCC ≤ 5.5V
1.5
16
V
Channel 1 Input Supply
Range
PVIN0 ≥ 2.9V or 3V ≤ EXTVCC ≤ 5.5V
1.5
16
V
Optional EXTVCC Input
Supply Range
3
5.5
V
EXTVCC + PVIN0 + PVIN1
Quiescent Current, both
Channels Switching
EXTVCC = 4V, fSW = 1MHz,
PVIN0 = PVIN1 = 12V, No Load, TA = 25°C
44
mA
EXTVCC + PVIN0 Current,
Shutdown
Shutdown, TA = 25°C
7.4
Initialization Time1
With CFG Pins Enabled (Default),
TA = 25°C
13
ms
CFG Pins Ignored, TA = 25°C
10
ms
SWITCHING REGULATORS
VOUT Range
PVIN ≥ 6.5V
0.4
5.5
V
PVIN < 6.5V
0.4
0.85 x
PVIN
V
VOUT Set-Point Accuracy
High-Performance, Low VOUT Mode,
0.6V ≤ VOUT ≤ 1.375V
-0.25
0.25
%
0.4V ≤ VOUT ≤ 5.5V
-0.5
0.5
%
VOUT Set-Point Resolution
1
mV
VSENSE0P, VSENSE1P Input
Resistance
Switcher (SWR0 or SWR1) Enabled,
or 250Ω Pull-Down Disabled, TA = 25°C
30
Error Amplifier
Transconductance
Programming Resolution
3
bits
Error Amplifier
Transconductance
(gm(MAX))
Full VOUT Range Mode,
0.4V ≤ VOUT ≤ 5.5V,
Includes Internal VOUT Feedback Divider
1240
μS
Error Amplifier
Transconductance
(gm(MIN))
Full VOUT Range Mode,
0.4V ≤ VOUT ≤ 5.5V,
Includes Internal VOUT Feedback Divider
155
μS
Error Amplifier
Transconductance
(gm step size)
Full VOUT Range Mode,
0.4V ≤ VOUT ≤ 5.5V,
Includes Internal VOUT Feedback Divider
155
μS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com