Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5582HDDTRPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LTC5582HDDTRPBF
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5582HDDTRPBF Datasheet(HTML) 5 Page - Analog Devices

  LTC5582HDDTRPBF Datasheet HTML 1Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 2Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 3Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 4Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 5Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 6Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 7Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 8Page - Analog Devices LTC5582HDDTRPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC5582
5
Rev. D
For more information www.analog.com
Output Voltage vs RF Input Power
Linearity Error vs RF Input Power
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage, Linearity Error vs
RF Input Power, 880MHz
Output Voltage Temperature
Variation from 25°C, 880MHz
Linear Error vs RF Input Power,
Modulated Waveforms, 880MHz
Output Voltage, Linearity Error vs
RF Input Power, 450MHz
Output Voltage Temperature
Variation from 25°C, 450MHz
Linear Error vs RF Input Power,
Modulated Waveforms, 450MHz
VCC = 3.3V, EN = 3.3V, TC = 25°C, RT1 = 0Ω,
RT2 = 0Ω unless otherwise noted. Test circuits shown in Figure 1.
5582 G3
–65 –55 –45 –35 –25 –15
–5
5
2.8
2.4
2.0
1.6
1.2
0.8
0.4
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
INPUT POWER (dBm)
TC = 125°C
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
5582 G6
–65 –55 –45 –35 –25 –15
–5
5
2.8
2.4
2.0
1.6
1.2
0.8
0.4
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
INPUT POWER (dBm)
TC = 125°C
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
5582 G04
–65 –55 –45 –35 –25 –15
–5
5
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
INPUT POWER (dBm)
TC = 125°C
TC = 105°C
TC = 85°C
TC = –40°C
RF INPUT POWER (dBm)
–65
–25
–45
–5
5582 G01
5
–35
–55
–15
450MHz
880MHz
2140MHz
2700MHz
3800MHz
5800MHz
TC = 25°C
2.8
2.4
1.6
0.8
2.0
1.2
0.4
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G02
5
–35
–55
–15
TC = 25°C
450MHz
880MHz
2140MHz
2700MHz
3800MHz
5800MHz
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G05
5
–35
–55
–15
TC = 25°C
4-CARRIER WCDMA
CW
3-CARRIER CDMA2K
5582 G7
–65 –55 –45 –35 –25 –15
–5
5
3.0
2.0
1.0
0
–1.0
–2.0
–3.0
INPUT POWER (dBm)
TC = 125°C
TC = 105°C
TC = 85°C
TC = –40°C
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G08
5
–35
–55
–15
TC = 25°C
4-CARRIER WCDMA
CW
3-CARRIER CDMA2K
Supply Current vs Supply Voltage
5582 G27
2.6
2.8
3.0
3.2
3.4
3.6
3.8
60
50
40
30
20
SUPPLY VOLTAGE (V)
TC = 125°C
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com