Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N24C256X Datasheet(PDF) 3 Page - ON Semiconductor

Part # N24C256X
Description  256 Kb I2C CMOS Serial EEPROM with Software Write Protect
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N24C256X Datasheet(HTML) 3 Page - ON Semiconductor

  N24C256X Datasheet HTML 1Page - ON Semiconductor N24C256X Datasheet HTML 2Page - ON Semiconductor N24C256X Datasheet HTML 3Page - ON Semiconductor N24C256X Datasheet HTML 4Page - ON Semiconductor N24C256X Datasheet HTML 5Page - ON Semiconductor N24C256X Datasheet HTML 6Page - ON Semiconductor N24C256X Datasheet HTML 7Page - ON Semiconductor N24C256X Datasheet HTML 8Page - ON Semiconductor N24C256X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
N24C256X
www.onsemi.com
3
Table 4. D.C. OPERATING CHARACTERISTICS (Vcc = 1.7 V to 5.5 V, Ta = −40 to +125°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Read Current
Read, fSCL = 400 kHz/1 MHz
1
mA
ICCW
Write Current
2.5
mA
ISB
Standby Current
All I/O Pins at GND or VCC
2
mA
IL
I/O Pin Leakage
Pin at GND or VCC
2
mA
VIL
Input Low Voltage
−0.5
0.24
V
VIH
Input High Voltage
0.96
5.5
V
VHYS
Input Hysteresis Voltage
90
mV
VOL
Output Low Voltage
IOL = 3.0 mA
0.4
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Table 5. PIN IMPEDANCE CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Max
Units
CIN (Note 5)
SDA I/O Pin Capacitance
VIN = 0 V
8
pF
CIN (Note 5)
Input Capacitance (other pins)
VIN = 0 V
6
pF
5. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com